công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FNS-11-R

  • AI
    The **FNS-11-R** is an electronic component primarily classified as a **high-performance EMI (Electromagnetic Interference) filter**. Specifically, it is a single-phase AC power line filter designed to suppress noise and protect sensitive circuitry from electrical interference. --- ### 1. General Specifications The FNS series is known for its compact design and high attenuation characteristics. Below are the typical technical parameters for the FNS-11-R: | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | 250V AC / DC | | **Rated Current** | 1A to 10A (Depending on sub-variant, typically 1A for "11") | | **Operating Frequency** | 50/60 Hz | | **Leakage Current** | High-performance (Usually < 0.5mA or < 1.0mA) | | **Termination Style** | Faston terminals / Solder lugs (indicated by "R") | | **Mounting Type** | Chassis Mount / Bolt-on | --- ### 2. Internal Electronic Configuration The FNS-11-R is a **passive network** consisting of three main stages to filter out noise: 1. **X-Capacitors (Line-to-Line):** These handle **Differential Mode (DM)** noise. They filter out interference occurring between the "Live" and "Neutral" wires. 2. **Y-Capacitors (Line-to-Ground):** These handle **Common Mode (CM)** noise. They shunt high-frequency interference from the lines to the safety ground. 3. **Inductor (Common Mode Choke):** A ferrite core wrapped with wire that provides high impedance to common-mode currents while allowing the 50/60Hz power current to pass through freely. --- ### 3. Key Electronic Features * **High Attenuation:** Designed to provide significant decibel (dB) reduction across a wide frequency range (typically 150kHz to 30MHz). * **Metal Shielding:** The internal components are encased in a metal "can." This acts as a Faraday cage, preventing the filter itself from radiating noise or being affected by external fields. * **Resistor Discharge:** Often includes a high-resistance bleed resistor across the X-capacitors to discharge stored energy safely once power is disconnected. --- ### 4. Applications This part is commonly found in the following electronic systems: * **Switching Power Supplies (SMPS):** To prevent high-frequency switching noise from entering the grid. * **Medical Equipment:** Where low leakage current and high reliability are critical. * **Industrial Automation:** Protecting PLCs and sensors from industrial electrical noise. * **Measuring Instruments:** Ensuring signal integrity by cleaning the input power.
    ✨ Follow-up Questions
    • ⤷ What is the difference between differential mode and common mode noise in this filter?
    • ⤷ How do I calculate the required current rating for my application?
    • ⤷ Can the FNS-11-R be used for DC power applications?