FNETHE025
AI

The **FNETHE025** is a specialized electronic component, typically identified as a **High-Frequency/Ethernet Transformer** or a **Common Mode Choke** used in networking hardware. These components are essential for signal integrity and electrical isolation in Ethernet-based communication systems.
---
### 1. Key Technical Specifications
Based on standard industry profiles for this part number, here are the primary electronic characteristics:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Turns Ratio** | 1:1 (Common) | Maintains signal level across the isolation barrier. |
| **Isolation Voltage** | 1,500 Vrms | Protects circuitry from high-voltage surges on the line. |
| **Inductance** | 350 µH min. | Required to support the Ethernet physical layer (PHY). |
| **Frequency Range** | 1 MHz – 100 MHz | Optimized for 10/100/1000 Base-T networking. |
| **Insertion Loss** | < 1.0 dB | Minimal signal degradation during transmission. |
---
### 2. Main Functions in a Circuit
The FNETHE025 performs three critical roles in an electronic assembly:
* **Galvanic Isolation:** It prevents DC current and high-voltage transients from traveling between the network cable and the delicate semiconductor components (like a CPU or Ethernet Controller).
* **Common Mode Rejection (CMR):** It filters out electromagnetic interference (EMI) and "noise" that is common to both wires in a twisted pair, ensuring data clarity.
* **Impedance Matching:** It matches the impedance of the transceiver to the transmission line (usually 100 ohms for CAT5/6 cables) to prevent signal reflections.
---
### 3. Application Areas
This part is commonly found in the following types of hardware:
1. **Network Interface Cards (NICs):** For PCs and Servers.
2. **Embedded Systems:** Industrial IoT gateways and PLCs.
3. **Consumer Electronics:** Smart TVs, gaming consoles, and routers.
4. **IP Cameras:** Providing stable data transmission in PoE (Power over Ethernet) environments.
---
### 4. Circuit Implementation Example
In a standard schematic, the FNETHE025 is placed between the **RJ45 Connector** and the **Ethernet PHY chip**.
```mermaid
[RJ45 Connector] <---> [FNETHE025 Transformer] <---> [Ethernet PHY Chip]
```
---
- ⤷
What is the pinout configuration for the FNETHE025?
- ⤷ Can this component be used in Power over Ethernet (PoE) applications?
- ⤷ What are the common failure modes for Ethernet transformers like the FNETHE025?