công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FN-DA16-R

  • AI
    The **FN-DA16-R** is a specialized high-power, high-current MOSFET relay module designed primarily for industrial automation, automotive electronics, and high-load switching applications. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Core Component: The MOSFET Unlike traditional mechanical relays that use a physical coil and contact arm, the "R" in FN-DA16-R signifies a **Solid State (MOSFET) Relay** architecture. | Feature | Specification (Typical) | | :--- | :--- | | **Output Type** | N-Channel MOSFET | | **Rated Voltage** | 5V - 30V DC | | **Max Current** | 16A per channel (Total capacity depends on cooling) | | **Switching Speed** | Microseconds (Much faster than mechanical) | | **Life Expectancy** | Virtually unlimited (No mechanical wear) | --- ### 2. Electronic Component Breakdown The module is composed of several critical electronic sub-systems: #### A. Optocoupler Isolation * **Part:** Photocoupler (e.g., PC817 or similar). * **Function:** This provides galvanic isolation between the low-voltage control signal (MCU/PLC) and the high-power load. It protects your controller from voltage spikes on the load side. #### B. Driver Circuit * **Part:** Transistor/Gate Driver. * **Function:** MOSFETs require a specific gate voltage to "fully turn on" (saturation). The driver circuit ensures the MOSFET operates efficiently to prevent overheating caused by resistance. #### C. Protection Circuitry * **Flyback Diode:** Protects the MOSFET from inductive back-EMF when switching motors or solenoids. * **Status LEDs:** Small Surface Mount (SMD) LEDs that indicate whether a specific channel is active (High) or inactive (Low). #### D. Connection Interface * **Input Terminals:** Usually 2.54mm headers or screw terminals for PWM/Digital signals. * **Output Terminals:** High-current screw terminals designed to handle thick gauge wire for the 16A load. --- ### 3. Comparison: FN-DA16-R vs. Mechanical Relays | Feature | FN-DA16-R (MOSFET) | Standard Mechanical Relay | | :--- | :--- | :--- | | **Noise** | Completely Silent | Audible "Click" | | **PWM Support** | Yes (Excellent for dimming/speed) | No (Too slow) | | **Sparking** | None (Arc-free) | Occurs during switching | | **Switching Speed** | Very High | Low | --- ### 4. Typical Applications * **DC Motor Control:** Using PWM to control speed without the wear of a mechanical relay. * **LED Strip Dimming:** High-frequency switching for brightness control. * **Solenoid Actuators:** Fast response times for pneumatic or hydraulic valves. * **Heating Elements:** Precise temperature control via PID loops.
    ✨ Follow-up Questions
    • ⤷ What is the maximum PWM frequency supported by the FN-DA16-R?
    • ⤷Can this module be used to switch AC loads
    • ⤷ or is it DC only?
    • ⤷How does the heat dissipation of the FN-DA16-R compare to a standard relay at 10A?