công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FMP6

  • AI
    The **FMP6** (often referred to in the context of the **Endress+Hauser Levelflex FMP56/FMP57** series or specific high-frequency electronic modules) is a guided wave radar sensor used for level measurement. In electronic terms, it functions by sending high-frequency pulses along a probe (waveguide). Below is a breakdown of the core electronic components and their functions. --- ### Core Electronic Components of FMP6 The device operates on the **Time-of-Flight (ToF)** principle. The electronics are responsible for generating, receiving, and processing electromagnetic pulses. | Component | Description | Function | | :--- | :--- | :--- | | **Pulse Generator** | High-speed semiconductor circuit | Creates nanosecond electromagnetic pulses (microwaves). | | **Directional Coupler** | RF (Radio Frequency) interface | Separates the transmitted signal from the reflected signal (echo). | | **Signal Processor (DSP)** | Digital Signal Processing unit | Filters noise and identifies the "true" level echo from false reflections. | | **HART/4-20mA Module** | Communication interface | Converts the digital level value into an analog current loop or digital signal. | | **Reference Clock** | High-precision oscillator | Ensures timing accuracy, crucial for measuring the speed of light. | --- ### Electronic Operating Principle 1. **Pulse Emission:** The electronics emit a high-frequency pulse that travels along the probe. 2. **Impedance Change:** When the pulse hits the medium (liquid or solid), the change in dielectric constant causes a reflection. 3. **Sampling (Time Transformation):** Because the pulses move at the speed of light, they are too fast for standard microprocessors to measure directly. The FMP6 electronics use a **sampling technique** to transform the nanosecond signal into a millisecond "equivalent time" signal that can be easily processed. 4. **Signal Analysis:** The onboard firmware applies algorithms (such as Endress+Hauser's *HistoROM*) to track the echo and ignore interference from tank internal structures. ### Technical Specifications (Typical) * **Supply Voltage:** 11.5 to 35 V DC (2-wire). * **Power Consumption:** Typically < 1W. * **Output:** 4 to 20 mA with HART, PROFIBUS PA, or FOUNDATION Fieldbus. * **Resolution:** 1 mm. * **Frequency Range:** Approx. 100 MHz to 1.5 GHz (Pulse spectrum). --- ### Terminal Compartment Layout The electronic housing is usually divided into two compartments: 1. **Main Electronics:** Contains the microwave module and the microprocessor. 2. **Terminal Module:** Where the field wiring (loop power) is connected. This often includes a surge protector and a display interface.
    ✨ Follow-up Questions
    • ⤷ What is the difference between FMP56 and FMP57 electronics?
    • ⤷ How does the dielectric constant affect the FMP6 signal processing?
    • ⤷ What are the common failure codes for FMP6 electronic modules?