công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FM120-M-R

  • AI
    The **FM120-M-R** is a surface-mount Schottky Barrier Rectifier diode. It is commonly used in power management circuits for rectification, freewheeling, and polarity protection. --- ### ## Technical Specifications The following table highlights the primary electrical and physical characteristics of the FM120-M-R: | Characteristic | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier | | **Package Type** | SOD-123 | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 20V | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 1.0A | | **Peak Forward Surge Current ($I_{FSM}$)** | 30A (8.3ms single half sine-wave) | | **Maximum Forward Voltage ($V_F$)** | 0.45V - 0.50V (at $I_F$ = 1.0A) | | **Operating Temperature Range** | -55°C to +125°C | --- ### ## Key Features 1. **Low Forward Voltage Drop:** Because it is a Schottky diode, it has a much lower forward voltage drop (approx. 0.45V) compared to standard silicon diodes (0.7V). This results in higher efficiency and lower heat dissipation. 2. **Fast Switching Speed:** Schottky diodes are majority carrier devices, meaning they have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency switching. 3. **SOD-123 Package:** The "M" in the part number usually refers to the package size. The SOD-123 is a small, low-profile surface mount design suitable for automated assembly. 4. **Guard Ring Construction:** Provides transient protection and high reliability for internal die protection. --- ### ## Common Applications * **DC-DC Converters:** Used as a freewheeling diode in buck or boost regulators. * **Reverse Polarity Protection:** Protecting sensitive low-voltage electronics from battery reversal. * **Low Voltage Rectification:** Converting AC or pulsed signals to DC in battery-powered devices. * **Power Management:** Used in mobile phones, laptops, and portable chargers where space and efficiency are critical. --- ### ## Schematic Symbol The Schottky diode is represented differently from a standard diode to indicate the "S" shaped metal-semiconductor junction: ```text Anode Cathode |----|>|-------| (S-shape) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FM120 and a standard 1N4001 diode?
    • ⤷ How does temperature affect the leakage current of the FM120-M-R?
    • ⤷ Can this diode be used in high-voltage power supply circuits?