công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FM-RFT3-433

  • AI
    The **FM-RFT3-433** is a high-performance, low-power RF transceiver module designed for wireless data transmission in the **433 MHz** ISM (Industrial, Scientific, and Medical) band. It typically utilizes **FSK** (Frequency Shift Keying) or **GFSK** modulation to ensure stable communication. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the module: | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 433.92 MHz | | **Modulation Type** | FSK / GFSK / OOK | | **Operating Voltage** | 1.8V to 3.6V DC | | **Output Power** | Up to +13 dBm (Programmable) | | **Sensitivity** | -120 dBm (at low data rates) | | **Interface** | SPI (Serial Peripheral Interface) | | **Current Consumption** | ~10-15 mA (RX), < 30 mA (TX at max power) | --- ### 2. Core Electronic Components The module is built around several critical hardware sections: * **RF Transceiver IC:** Usually based on a high-integration chip (like the Semtech SX12xx series or Silicon Labs Si44xx series). This chip handles the frequency synthesis, mixing, and digital-to-analog conversion. * **Crystal Oscillator (XTAL):** A high-precision crystal (often 26MHz or 32MHz) provides the reference clock for the frequency synthesizer to ensure minimal frequency drift. * **Impedance Matching Network:** A circuit consisting of surface-mount inductors and capacitors (L-C network) that matches the IC output to the 50-ohm antenna port for maximum power transfer. * **Low Pass Filter (LPF):** Integrated into the RF path to suppress harmonics and ensure compliance with radio regulations (like FCC or CE). --- ### 3. Pinout and Connection Logic The module uses a standard header for interfacing with microcontrollers (MCU): | Pin Name | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | 3.3V recommended. | | **GND** | Ground | Common ground. | | **SCK/SDI/SDO** | SPI Bus | Used to configure registers and send/receive data. | | **nSEL** | Chip Select | Activates the SPI interface. | | **GDO0 / GDO2** | GPIO / Interrupts | Configurable pins for "Packet Sent" or "Data Received" signals. | | **ANT** | Antenna Port | Connection for a 1/4 wave whip antenna or PCB trace. | --- ### 4. Implementation Example (Pseudo-Code) To interact with the electronic registers via SPI: ```cpp // Initialize the FM-RFT3-433 via SPI void setup_RF_Module() { SPI.begin(); digitalWrite(nSEL, LOW); // Set frequency to 433.92MHz writeRegister(REG_FREQ, 0x6C8000); // Set Power to +10dBm writeRegister(REG_PA_CONFIG, 0xF0); digitalWrite(nSEL, HIGH); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the FM-RFT3-433 in open space?
    • ⤷ How does GFSK modulation compare to OOK in terms of noise immunity for this module?
    • ⤷ Can this module be used for LoRa communication or is it strictly FSK?