công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FLM-J5W-R

  • AI
    ## Analysis of FLM-J5W-R (Electronic Component) The **FLM-J5W-R** is a high-performance **GaN (Gallium Nitride) High Electron Mobility Transistor (HEMT)**, specifically designed for RF and Microwave applications. It is commonly used in power amplification for communication systems. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typical for this series (C-Band Power Amplifiers): | Parameter | Specification (Typical) | | :--- | :--- | | **Material** | GaN on SiC (Silicon Carbide) | | **Frequency Range** | 5.85 GHz – 6.75 GHz (C-Band) | | **Output Power ($P_{sat}$)** | ~5 Watts (37 dBm) | | **Linear Gain** | 10.0 dB to 12.0 dB | | **Drain Voltage ($V_{DS}$)** | 24V to 32V | | **Efficiency ($\eta$)** | 35% - 45% (PAE) | | **Package Type** | Hermetic Metal/Ceramic Flange (R-type) | --- ### 2. Internal Composition and Technology The FLM-J5W-R utilizes **Gallium Nitride (GaN)** technology, which offers several electronic advantages over traditional Silicon (Si) or Gallium Arsenide (GaAs): * **High Power Density:** Allows for a smaller physical footprint while maintaining high wattage. * **Thermal Conductivity:** Usually mounted on a Copper-Tungsten (CuW) base to manage heat dissipation effectively. * **Impedance Matching:** The "FLM" series typically features **internally matched** inputs and outputs to 50 ohms, simplifying the PCB design for RF engineers. --- ### 3. Application Areas These parts are critical components in the following electronic systems: 1. **VSAT Terminals:** Satellite ground stations for data transmission. 2. **Point-to-Point Radio:** Microwave backhaul for telecommunications. 3. **Radar Systems:** Pulse amplification in marine or weather radar. --- ### 4. Circuit Implementation (Example) When integrating the FLM-J5W-R, a specific biasing sequence is required to prevent damage to the HEMT: ```python # Pseudo-logic for Power-On Sequence def power_on_sequence(): apply_gate_voltage(-5.0) # Apply negative bias first apply_drain_voltage(24.0) # Apply positive drain voltage adjust_gate_voltage(-2.0) # Slowly increase gate to reach target Idq # Pseudo-logic for Power-Off Sequence def power_off_sequence(): reduce_drain_voltage(0) # Remove drain power first remove_gate_voltage(0) # Remove gate bias last ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific thermal management requirements for this GaN HEMT?
    • ⤷ How does the 'R' suffix in FLM-J5W-R affect its mounting configuration?
    • ⤷ Can this component be used in S-band applications or is it strictly C-band?