công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FLM-F4W-R/Q

  • AI
    The **FLM-F4W-R/Q** is a high-performance, Gallium Nitride (GaN) High Electron Mobility Transistor (HEMT) amplifier module, typically used in C-band satellite communications and radar applications. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the FLM-F4W-R/Q: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Frequency Range** | 3.7 GHz to 4.2 GHz | Designed for C-Band applications. | | **Output Power ($P_{1dB}$)** | 46.5 dBm (approx. 45W) | High power output capability. | | **Linear Gain ($G_L$)** | 10.0 dB to 11.5 dB | Signal amplification strength. | | **Drain Voltage ($V_{DS}$)** | 24V to 50V | High voltage operation typical of GaN. | | **Efficiency ($\eta$)** | 35% - 45% | Power added efficiency (PAE). | | **Package Type** | Hermetic Metal/Ceramic | Designed for high heat dissipation. | --- ### 2. Core Electronic Components & Architecture The device is an internally matched field-effect transistor (FET). Its internal structure consists of several critical electronic sub-sections: #### A. Gallium Nitride (GaN) on SiC Substrate Unlike traditional Silicon or GaAs, this part uses **GaN**. - **Benefit:** Higher breakdown voltage and higher thermal conductivity. - **Result:** Allows the part to handle more power in a smaller physical footprint. #### B. Internal Matching Networks The "FLM" series features **Internal Impedance Matching**. - The module contains micro-circuitry (inductors and capacitors) inside the ceramic package to match the input and output to **50 Ohms**. - This simplifies the PCB design for engineers, as they do not need complex external tuning circuits. #### C. Power Dissipation (Heat Sink) Because this part outputs ~45 Watts, heat management is critical. The bottom of the package acts as the **Source (Ground)** and must be bolted directly to a copper or aluminum heat sink using thermal paste. --- ### 3. Application Use Cases This specific part is engineered for infrastructure-level telecommunications: 1. **Satellite Earth Stations:** Used in the Up-Link (earth-to-satellite) power amplifier chain. 2. **VSAT Systems:** Very Small Aperture Terminals requiring reliable, high-power C-band transmission. 3. **Point-to-Point Radio:** High-capacity microwave links. --- ### 4. Integration Diagram (Functional Block) ```mermaid graph LR A[RF Input 50Ω] --> B[Internal Input Match] B --> C[GaN HEMT Die] C --> D[Internal Output Match] D --> E[RF Output 50Ω] F[DC Bias Vgs/Vds] --> C ```
    ✨ Follow-up Questions
    • ⤷ What are the specific biasing requirements for GaN HEMTs like the FLM-F4W?
    • ⤷ How does the thermal resistance of this package affect its maximum operating temperature?
    • ⤷ Can this module be used for pulse-mode radar applications?