FLM-4A-R
AI

The **FLM-4A-R** is an Electronic Component commonly used in industrial automation, specifically within the **FLM (Fieldbus Interface Module)** series by Bosch Rexroth. It is a digital output module designed for use within an Inline I/O station.
---
### ## 1. Technical Specifications
The following table summarizes the key electronic characteristics of the FLM-4A-R:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | Relay Contacts (Volt-free) |
| **Number of Channels** | 4 Independent Channels |
| **Nominal Voltage** | 24 V DC (Logic) |
| **Switching Voltage** | Max 230 V AC / 24 V DC |
| **Switching Current** | Max 3 A per channel |
| **Connection Method** | 2, 3, or 4-wire technology |
| **Protection Rating** | IP20 |
---
### ## 2. Core Electronic Components & Functions
The module operates through a combination of logic-level circuitry and physical switching components:
* **Relay Outputs:** Unlike solid-state outputs, the "R" in the model name signifies **Relay**. This provides galvanic isolation between the control logic and the load circuit, allowing for the switching of different voltage potentials (e.g., switching a 230V motor from a 24V PLC signal).
* **Bus Coupler Interface:** The electronic backplane connects to the local bus, receiving data packets and converting them into trigger signals for the internal coils.
* **LED Status Indicators:**
* **Diagnostic LEDs:** Indicate power supply status and bus communication errors.
* **Status LEDs:** Individual indicators for each of the 4 channels to show whether the relay is energized.
* **Protection Circuitry:** Includes internal fuses or electronic monitoring to protect the logic side from surges originating on the load side.
---
### ## 3. Wiring Configuration
The module typically uses a terminal block connector. Below is a simplified representation of the wiring logic:
```markdown
Terminal | Function
---------|-------------------------
1.1 / 2.1| Relay Channel 1 (Common / NO)
1.2 / 2.2| Relay Channel 2 (Common / NO)
1.3 / 2.3| Relay Channel 3 (Common / NO)
1.4 / 2.4| Relay Channel 4 (Common / NO)
```
### ## 4. Applications
Because it uses mechanical relays, the FLM-4A-R is electronically suited for:
1. **High Current Loads:** Up to 3A, which is higher than standard transistor outputs.
2. **AC/DC Mixing:** Switching AC loads using a DC control system.
3. **Isolation:** Situations where the output circuit must be completely electrically separated from the controller.
- ⤷What is the maximum switching frequency for the FLM-4A-R relays?
- ⤷ How does the FLM-4A-R handle inductive loads compared to resistive loads?
- ⤷ Can the FLM-4A-R be integrated into a PROFINET or EtherCAT network?