FLM-31-R
AI

The **FLM-31-R** is an **Electronic Flow Meter** (specifically an Oval Gear Flow Meter) commonly used in industrial and agricultural applications to measure the volume of liquids passing through a pipe.
Below is an explanation of its electronic components and technical specifications.
---
### 1. Key Electronic Components
The device integrates mechanical sensing with electronic processing to provide data.
| Component | Description |
| :--- | :--- |
| **Magnetic Sensor** | Uses a Hall Effect sensor or Reed switch to detect the rotation of internal gears without physical contact. |
| **Microprocessor** | Converts the raw pulse signals from the sensor into volumetric units (liters, gallons, etc.). |
| **LCD Display** | A digital screen that shows real-time flow rate and totalized volume. |
| **PCB (Circuit Board)** | Controls power management and signal conditioning to ensure accuracy despite electrical noise. |
| **Battery/Power Supply** | Typically powered by internal DC batteries (often 1.5V or 3V) or an external 12-24V DC source depending on the specific sub-model. |
---
### 2. Technical Specifications
The electronics are designed to handle specific flow ranges and pressure levels.
| Feature | Specification |
| :--- | :--- |
| **Flow Range** | 10 - 100 L/min (Standard range for R-series) |
| **Accuracy** | ± 0.5% |
| **Repeatability** | < 0.03% |
| **Max Pressure** | Up to 3.4 MPa (approx. 500 PSI) |
| **Pulse Output** | Optional (NPN/PNP) for connection to external PLCs or computers |
---
### 3. Electronic Functions and Features
* **Calibration (K-Factor):** The electronics allow for digital calibration. If the meter is slightly inaccurate due to fluid viscosity, the user can adjust the "K-Factor" via the buttons.
* **Unit Conversion:** The internal logic can toggle between different measurement units (Liters, Gallons, Pints, Quarts).
* **Non-Volatile Memory:** The electronic board usually stores the "Totalizer" data even if the battery dies or is removed, preventing data loss.
* **Low Battery Indicator:** A visual warning on the LCD when the internal voltage drops below the operational threshold.
---
### 4. Wiring and Connectivity (Pulse Version)
If the unit is equipped with a remote signal output, the wiring typically follows this standard:
```markdown
Red Wire: Power Supply (+) 12-24VDC
Black Wire: Ground (-)
Yellow/White: Pulse Signal Output
```
---
- ⤷How do I calibrate the K-factor on the FLM-31-R?
- ⤷ Is the FLM-31-R compatible with corrosive chemicals?
- ⤷ What are the common error codes on the FLM-31-R digital display?