FLM-2F-R/Q
AI

The **FLM-2F-R/Q** is a high-precision, low-profile **Planar Force Sensor** manufactured by Interface Inc. It is primarily used in applications requiring thin-form factors and multi-axis force measurement.
---
### 1. Technical Specifications
Below is a summary of the core electronic and physical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Capacity** | 100N to 500N (Varies by specific sub-model) |
| **Output Sensitivity** | 1.0 mV/V to 2.0 mV/V (Nominal) |
| **Excitation Voltage** | 5V to 10V DC (Recommended) |
| **Bridge Resistance** | 350 Ohms (Standard Wheatstone Bridge) |
| **Non-Linearity** | ±0.5% of Full Scale |
| **Operating Temp** | -10°C to +60°C |
| **Material** | Aluminum or Stainless Steel Alloy |
---
### 2. Electronic Architecture
The FLM-2F-R/Q operates on standard strain gauge principles but is optimized for "Planar" or "Through-hole" mounting.
#### A. The Wheatstone Bridge
The internal circuitry consists of a **Full Wheatstone Bridge**. When a force is applied to the sensing element:
1. The strain gauges undergo mechanical deformation.
2. The electrical resistance of the gauges changes proportionally to the strain.
3. This change creates a differential voltage output measured in Millivolts per Volt (mV/V).
#### B. Wiring Configuration
The device typically uses a 4-wire color-coded system:
* **Red:** Excitation (+)
* **Black:** Excitation (-)
* **Green:** Signal (+)
* **White:** Signal (-)
---
### 3. Key Electronic Features
* **Low Profile (Planar) Design:** The "2F" designation refers to its dual-axis or specific planar geometry, allowing it to be integrated into tight spaces like joystick bases, touch panels, or robotic grippers.
* **High Impedance:** The 350-ohm bridge ensures compatibility with most industrial strain gauge amplifiers and data acquisition (DAQ) systems.
* **Minimal Hysteresis:** Designed with high-quality foil strain gauges to ensure the sensor returns to zero voltage accurately after the load is removed.
---
### 4. Application Integration
To use the FLM-2F-R/Q in an electronic circuit, you generally require:
1. **Signal Conditioner/Amplifier:** To boost the mV signal to a 0-5V, 0-10V, or 4-20mA signal.
2. **Analog-to-Digital Converter (ADC):** For processing the force data via a microcontroller (e.g., Arduino, ESP32, or PLC).
---
- ⤷What is the exact pinout and wire color code for the FLM-2F-R/Q?
- ⤷ Does this sensor require a specific type of signal amplifier?
- ⤷ What are the mounting torque requirements for the R/Q series?