FLM-166-R/Q
AI

The **FLM-166-R/Q** is a high-power GaAs (Gallium Arsenide) Field Effect Transistor (FET) specifically designed for **C-band** satellite communications and radar applications. It is a microwave power amplifier component optimized for high gain and linearity.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics typical of the FLM-166-R/Q series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 5.85 GHz to 6.75 GHz (Standard C-Band) |
| **Output Power ($P_{1dB}$)** | 4 Watts (approx. 36.5 dBm) |
| **Linear Gain ($G_L$)** | 9.0 dB to 10.0 dB |
| **Efficiency ($\eta_{add}$)** | 25% - 30% |
| **Thermal Resistance ($R_{th}$)** | 4.5 °C/W |
| **Package Type** | Hermetically sealed, metal-ceramic (Case Style: IK) |
---
### 2. Internal Electronic Structure
The device is internally matched, meaning it includes passive components inside the package to simplify integration for engineers:
* **GaAs FET Chip:** The core semiconductor material allows for higher electron mobility compared to Silicon, enabling operation at microwave frequencies.
* **Internal Matching Circuits:** It contains internal LC (Inductor-Capacitor) networks to match the input and output impedance to **50 Ohms**. This reduces the need for complex external tuning on the PCB.
* **Schottky Barrier Gate:** Utilized for high-speed switching and power handling.
---
### 3. Pin Configuration and Biasing
To operate the FLM-166-R/Q, specific biasing conditions must be met:
```text
Pin 1: Gate (Vgs) - Control Voltage (Negative)
Pin 2: Source (GND) - Connected to the metal flange/case
Pin 3: Drain (Vds) - Power Supply (Positive, typically 10V)
```
**Biasing Procedure:**
1. **Vgs (Gate):** Must be applied first (typically -5V) to "pinch off" the device.
2. **Vds (Drain):** Applied second (typically 10V).
3. **Adjustment:** Gradually increase Vgs toward 0V until the desired quiescent drain current ($I_{dsq}$) is reached.
---
### 4. Applications
The electronic properties of this part make it ideal for:
* **VSAT (Very Small Aperture Terminals):** Satellite ground stations.
* **Transponders:** Signal relay in space communications.
* **Point-to-Point Radio:** High-capacity microwave links.
---
- ⤷What are the specific cooling requirements for the FLM-166-R/Q during high-power operation?
- ⤷ How does the 'Q' suffix in the part number differ from the 'R' suffix?
- ⤷ What are the common failure modes of GaAs FETs in C-band applications?