công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FLCS-7D-R

  • AI
    ## Electronic Analysis of FLCS-7D-R The **FLCS-7D-R** is a specialized electronic component, typically categorized as a **Limit Switch** or **Position Sensor**, often utilized in industrial automation, robotics, and safety systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Core Specifications The electronic behavior of the FLCS-7D-R is defined by its switching capacity and contact configuration. | Feature | Specification | | :--- | :--- | | **Contact Type** | Normally Open (NO) / Normally Closed (NC) | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Voltage Rating** | AC/DC (Standard industrial ranges, e.g., 125V/250V AC) | | **Current Rating** | Typically 5A to 10A (Depending on load type) | | **Actuator Type** | Roller Lever / Plunger (Model variant dependent) | --- ### 2. Internal Electronic Components The device operates on mechanical-to-electrical transduction. Key internal parts include: * **Contact Blocks:** Silver-alloy or gold-plated contacts designed to minimize electrical resistance and prevent oxidation. * **Terminal Screws:** High-conductivity brass or steel connectors for wiring integration. * **Snap-Action Mechanism:** A spring-loaded internal switch that ensures a rapid transition between states to prevent "arcing" (electrical sparking). * **Insulation Housing:** High-dielectric strength plastic or resin to prevent short-circuiting to the outer casing. --- ### 3. Wiring Diagram Logic The FLCS-7D-R functions as a bridge or a gate within a control circuit. ```mermaid graph LR A[Common Terminal] --> B{Switch State} B -- Default --> C[NC - Normally Closed] B -- Actuated --> D[NO - Normally Open] ``` ### 4. Typical Applications * **Conveyor Systems:** To detect the presence of a package. * **Safety Interlocks:** To ensure a machine door is closed before the circuit completes. * **End-of-Travel Sensing:** In CNC machines to prevent the motor from overextending the axis. --- ### 5. Installation Precautions 1. **Load Compatibility:** Ensure the inductive load (motors) does not exceed the rated current to avoid contact welding. 2. **Environmental Sealing:** The "R" suffix often denotes specific resistance (e.g., Water-resistant or Roller-type). Check the IP (Ingress Protection) rating for wet environments. 3. **Polarity:** While mechanical switches are generally non-polar, always follow the wiring diagram to ensure proper grounding and safety.
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating for the FLCS-7D-R model?
    • ⤷ Can the FLCS-7D-R be used with a 24V DC PLC input?
    • ⤷ What are the mounting dimensions for this specific limit switch?