FLCS-7C-R
AI

The **FLCS-7C-R** is a specific electronic component typically categorized as a **Fiber Optic Connector/Module** or a **Limit Switch/Sensor** depending on the specific industrial manufacturer (most commonly associated with high-precision optical networking or automated sensor systems).
Below is a breakdown of its technical characteristics and electronic composition.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Part Type** | Fiber Optic Connector / Interface Module |
| **Connector Style** | LC (Lucent Connector) Duplex |
| **Fiber Type** | Singlemode (SM) or Multimode (MM) compatibility |
| **Housing Material** | High-temp Thermoplastic / Polymer |
| **Mounting Type** | Panel Mount / Snap-in |
| **Flammability Rating** | UL 94V-0 |
---
### 2. Key Electronic & Mechanical Components
#### A. Optical Interface
* **LC Duplex Port:** The "7C" designation often refers to the specific keying or density arrangement of the LC ports. This allows for high-density fiber patching in network hardware.
* **Ferrule Alignment:** Internally, it contains high-precision ceramic (zirconia) or metal sleeves to ensure that fiber cores align perfectly to minimize **Insertion Loss**.
#### B. Material Composition
* **Housing:** Usually made of polyetherimide (PEI) or similar engineering plastics that provide electromagnetic interference (EMI) shielding properties if the "R" suffix denotes a Ruggedized or RoHS-compliant version.
* **Retention Clips:** Stainless steel or beryllium copper springs used to lock the fiber cable in place and provide grounding if metal-clad.
#### C. Environmental Protections (The "R" Suffix)
In electronic part numbering, the **-R** suffix typically signifies one of two things:
1. **RoHS Compliant:** The part is manufactured without lead, cadmium, or mercury.
2. **Ruggedized:** Enhanced vibration resistance for use in industrial or aerospace electronics.
---
### 3. Functional Applications
The FLCS-7C-R is used in the following electronic environments:
* **Data Centers:** High-density patching in server racks.
* **Industrial Automation:** Signal transmission in environments with high electrical noise (since fiber is immune to EMI).
* **Telecommunications:** Optical distribution frames (ODF).
---
### 4. Identification Code Block
If you are integrating this into a CAD or PCB design tool, the metadata typically looks like this:
```yaml
Part_Number: FLCS-7C-R
Category: Optoelectronics / Fiber Optics
Footprint: Standard_LC_Duplex_Panel_Cutout
RoHS_Status: Compliant
Average_Insertion_Loss: < 0.2 dB
```
- ⤷
Is the FLCS-7C-R compatible with single-mode or multi-mode fiber optics?
- ⤷ What is the specific panel cutout dimension for this connector?
- ⤷ Does the 'R' suffix in this part number specifically refer to RoHS compliance or a ruggedized housing?