công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FLCS-72-R/

  • AI
    The **FLCS-72-R** is a specific electronic component typically associated with high-density fiber optic connectivity solutions, specifically a **MPO/MTP to LC Cassette**. These are critical parts in data centers and telecommunications infrastructure. --- ### 1. Component Overview The FLCS-72-R serves as a modular "bridge" between high-speed backbone cabling and standard network equipment. | Feature | Specification | | :--- | :--- | | **Connector Type (Front)** | LC Duplex | | **Connector Type (Rear)** | MPO/MTP (Male/Female depending on config) | | **Fiber Count** | 72 Fibers (High-density configuration) | | **Form Factor** | Modular Cassette / Rack Mountable | | **Housing Material** | Cold Rolled Steel or High-Impact Plastic | --- ### 2. Key Electronic & Optical Parts While these units are primarily passive, their "parts" are engineered for high-performance signal integrity: #### A. Internal Fan-out Assembly The core of the unit is an internal fiber harness. It takes a single 12-fiber or 24-fiber MPO input and splits it into individual LC pairs. * **Polishing:** Usually UPC (Ultra Physical Contact) or APC (Angled Physical Contact) to minimize back-reflection. * **Fiber Grade:** OM3, OM4 (Multimode), or OS2 (Singlemode). #### B. LC Duplex Adapters (Front) * **Sleeves:** High-precision ceramic (zirconia) alignment sleeves to ensure low insertion loss. * **Shuttering:** Often includes internal dust shutters to protect the electronic signal from debris. #### C. MPO/MTP Adapter (Rear) * This is the high-density port where the trunk cable connects. It contains the alignment pins (if male) or holes (if female) required for precise ribbon fiber alignment. --- ### 3. Functional Logic The "electronic" role of this part is to maintain **Polarity**. In fiber optics, the transmit (Tx) must always meet the receive (Rx). 1. **Input:** High-speed parallel signal via MPO trunk. 2. **Transition:** The internal wiring maps the fibers according to Method A, B, or C (Standard TIA-568-C). 3. **Output:** 36 LC Duplex ports (totaling 72 fibers) for connection to switches, routers, or servers. --- ### 4. Technical Advantages * **Plug-and-Play:** Eliminates the need for field splicing, reducing installation time by up to 75%. * **Space Efficiency:** Managing 72 fibers in a small modular footprint reduces "cable spaghetti" in server racks. * **Signal Integrity:** Factory-terminated and tested components ensure lower decibel (dB) loss compared to manual field terminations.
    ✨ Follow-up Questions
    • ⤷ What is the insertion loss rating for the FLCS-72-R?
    • ⤷ Which polarity method (A
    • ⤷ B
    • ⤷ or C) does this specific model follow?
    • ⤷ Is this cassette compatible with standard 1U or 4U rack enclosures?