FLCS-52-R/Q
AI

The **FLCS-52-R/Q** refers to a high-performance **Fiber Optic LC Duplex Connector/Adapter system**, typically utilized in high-density telecommunications and data networking environments.
While the part itself is a passive mechanical component, it is critical to the signal integrity of the electronic systems it connects (such as SFP modules and switches).
---
### 1. Technical Specifications
The "R/Q" designation usually refers to the color-coding and performance standards (often signifying **OM4/OM3 Multimode** or specific high-grade ferrule requirements).
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | LC Duplex (Small Form Factor) |
| **Fiber Mode** | Multimode (OM3/OM4) or Singlemode (depending on internal ferrule) |
| **Housing Material** | High-impact Polymer (RoHS compliant) |
| **Insertion Loss** | Typically < 0.20 dB |
| **Mounting** | Senior/Junior Flange or Snap-in |
| **Standard Compliance** | TIA/EIA-604-10 (FOCIS-10) |
---
### 2. Key Electronic & Mechanical Components
#### A. The Ceramic Ferrule (Zirconia)
The most critical "part" is the internal sleeve. It ensures that the microscopic fiber cores align perfectly. In high-speed electronic networking (10G/40G/100G), even a 1-micron misalignment causes significant signal loss.
#### B. Integrated Shutters (The "Q" suffix)
Often, the "Q" in these part numbers indicates a **quad** or **internal shutter** mechanism.
* **Function:** These shutters automatically block laser light when the connector is removed.
* **Electronic Safety:** Protects technicians' eyes from high-power Class 1M infrared lasers used in optical transceivers.
#### C. Housing and Latch
The duplex housing is designed for "push-pull" mechanics, allowing for high-density spacing on electronic line cards where finger space is limited.
---
### 3. Application in Electronic Systems
These parts serve as the physical interface for the following electronic hardware:
1. **SFP/SFP+ Transceivers:** The FLCS-52-R/Q connects directly into the optical ports of electronic transceivers.
2. **Patch Panels:** Used as the bridge between long-haul cabling and local electronic switches (e.g., Cisco, Juniper hardware).
3. **Data Center Distribution:** Essential for structured cabling supporting InfiniBand or Ethernet protocols.
---
### 4. Part Number Breakdown (Typical)
| Code Segment | Meaning |
| :--- | :--- |
| **FLCS** | Fiber LC Standard/Simplex/Duplex series |
| **52** | Specific series/dimension code (often relates to OM4 Aqua color) |
| **R/Q** | **R**: Reduced footprint / **Q**: Quad or Shuttered version |
- ⤷
What is the maximum data rate supported by the FLCS-52 series?
- ⤷ How does the internal shutter mechanism improve safety in live networks?
- ⤷ Is the FLCS-52-R/Q compatible with Singlemode OS2 fiber?