FLCS-32-R/Q
AI

The **FLCS-32-R/Q** refers to a high-density, fiber optic connection component, specifically a **LC Duplex Adapter** or connector housing typically used in fiber patching solutions. While it is a passive component, it is critical for the physical layer of high-speed electronic data transmission.
---
### 1. Component Overview
The FLCS-32 series is designed for space-saving environments such as data centers and telecommunications racks. The "R/Q" designation usually refers to the color-coding or the mounting style (Reduced Flange or Quick-mount).
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | LC (Lucent Connector) |
| **Orientation** | Duplex (Two fibers per port) |
| **Housing Material** | Thermoplastic (UL 94V-0 rated) |
| **Sleeve Material** | Ceramic (Zirconia) or Phosphor Bronze |
| **Density** | High-density / Small Form Factor (SFF) |
---
### 2. Key Electronic & Physical Attributes
#### A. Alignment Sleeves
The internal "sleeve" is the most critical electronic part. It ensures that the fiber cores (usually 9/125µm for single-mode) align perfectly.
* **Ceramic (Zirconia):** Provides lower insertion loss and is preferred for Single-mode (SM) applications.
* **Phosphor Bronze:** Generally used for Multimode (MM) applications where tolerances are slightly wider.
#### B. Insertion Loss (IL) and Return Loss (RL)
In the context of electronic signaling over fiber, this component is rated for:
* **Insertion Loss:** Typically $< 0.2\text{dB}$.
* **Durability:** Rated for 500+ matings without significant signal degradation.
#### C. Color Coding (The "R/Q" Factor)
The suffixes often denote the application type based on TIA/EIA-568 standards:
* **Blue:** Single-mode (OS1/OS2)
* **Green:** Single-mode APC (Angled Physical Contact)
* **Aqua:** Multimode (OM3/OM4)
* **Violet:** Multimode (OM5)
---
### 3. Application Circuitry
While the adapter itself has no active silicon, it serves as the interface for:
1. **SFP/SFP+ Transceivers:** The FLCS-32 connects the external fiber plant to the electronic transceivers on switches and routers.
2. **Fiber Patch Panels:** Used to bridge the gap between "Outside Plant" (OSP) cables and "Inside Plant" (ISP) electronics.
---
### 4. Mechanical Dimensions
Standard LC Duplex adapters like the FLCS-32-R/Q follow these mounting specifications:
```text
Standard LC Duplex Footprint:
+---------------------------+
| [ ( ) ] [ ( ) ] | <-- Ceramic Sleeves
| L C |
+---------------------------+
(Approx. 13.1mm)
```
- ⤷
What is the difference between the Ceramic and Phosphor Bronze sleeves in this model?
- ⤷ How does the 'Reduced Flange' (R) design impact panel density?
- ⤷ Is this adapter compatible with both Single-mode and Multimode fiber?