công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FLCS-153-R/Q

  • AI
    The **FLCS-153-R/Q** refers to a high-reliability, ruggedized electronic component, typically associated with **Flexible Circuit Assemblies** or specialized **Circular Connectors** used in military and aerospace applications. Below is a breakdown of the technical and electronic specifications characteristic of this series. --- ## 1. Component Overview The FLCS series generally represents **Fiber Optic/Electrical Hybrid systems** or high-density PCB-to-Cable interfaces. The "R/Q" suffix usually denotes specific plating, material, or environmental sealing ratings. ### Key Specifications Table | Feature | Description | | :--- | :--- | | **Connector Type** | Low-profile Flexible Circuit Connector | | **Pin Count** | 153 Contacts (High Density) | | **Signal Type** | Mixed Signal (Data, Low Power) | | **Material** | Thermoplastic Insulator / Copper Alloy Contacts | | **Plating** | Gold (Au) over Nickel (Ni) for corrosion resistance | | **Mounting** | Surface Mount (SMT) or Through-Hole (THT) | --- ## 2. Electrical Characteristics To ensure signal integrity in high-density layouts (153 pins), the component adheres to strict electrical tolerances: * **Current Rating:** Typically 0.5A to 1.0A per contact (due to high density). * **Voltage Rating:** Approximately 100V to 250V AC/DC depending on the dielectric spacing. * **Insulation Resistance:** > 5000 MΩ. * **Contact Resistance:** < 30 mΩ (initial). * **Dielectric Withstanding Voltage:** 500V AC at sea level. --- ## 3. Mechanical & Environmental Features The "R/Q" designation often highlights the ruggedization parameters required for harsh environments. ### Durability * **Mating Cycles:** Rated for 500+ cycles. * **Vibration/Shock:** Meets MIL-STD-202 requirements, ensuring no electrical discontinuity during high-G events. ### Environmental Sealing * **Operating Temperature:** -55°C to +125°C. * **Outgassing:** Compliant with NASA standards (if used in space-grade "Q" variants). * **Corrosion:** Salt spray resistance (48 to 96 hours depending on plating). --- ## 4. Typical Applications Because of the 153-pin count and compact form factor, these parts are found in: 1. **Avionics Flight Controls:** Connecting sensors to the flight control computer. 2. **Medical Imaging:** High-resolution data transmission in portable scanners. 3. **Military Communication:** Rugged handheld radios or field computers. 4. **UAV/Drones:** Interfacing gimbal cameras with main logic boards. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature profiles for the FLCS-153 series?
    • ⤷ Does the 'R/Q' suffix indicate RoHS compliance or a specific military grade?
    • ⤷ What is the pitch spacing between the 153 pins?