FLCS-14-R/Q
AI

The **FLCS-14-R/Q** refers to a high-density, flexible circuit connector system, typically associated with the **FCI (now Amphenol Communications Solutions)** product lines. These connectors are designed for high-reliability interconnections between printed circuit boards (PCBs) and flexible printed circuits (FPC) or flat flexible cables (FFC).
---
### 1. Component Specifications
The "14" in the part number generally denotes the number of positions (pins). Below are the typical electronic and mechanical characteristics for this series:
| Feature | Specification |
| :--- | :--- |
| **Number of Contacts** | 14 Positions |
| **Pitch** | 0.50 mm (High Density) |
| **Mounting Type** | Surface Mount (SMT), Right Angle |
| **Orientation** | Horizontal / Side Entry |
| **Contact Material** | Phosphor Bronze (Gold or Tin plated) |
| **Voltage Rating** | 50V AC/DC |
| **Current Rating** | 0.5A per contact |
| **Actuator Type** | ZIF (Zero Insertion Force) or Slider |
---
### 2. Key Electronic Parts & Design
The assembly consists of four primary integrated sections:
#### A. The Housing
Constructed from high-temperature thermoplastic (LCP - Liquid Crystal Polymer). This material is chosen for its ability to withstand **reflow soldering** temperatures and provides the insulation resistance required to prevent short circuits between the 0.5mm spaced pins.
#### B. Contact Terminals
The "Electronic" heart of the part. These are precision-stamped metal leads.
- **R/Q Suffix:** Often denotes the plating style or the packaging (Reel/Quantity).
- **Signal Integrity:** The short path of the contact minimizes inductance, making it suitable for high-speed data transmission in mobile devices.
#### C. The Actuator (Lid/Slider)
A mechanical lever that, when closed, presses the FPC/FFC cable against the electrical contacts. This ensures a gas-tight connection, preventing oxidation of the copper traces over time.
#### D. Solder Tabs (Nails)
Located on the sides of the connector, these metal tabs do not carry signals but are soldered to the PCB to provide **mechanical strain relief**, preventing the connector from being ripped off the board during cable insertion.
---
### 3. Common Applications
Due to its small footprint and 14-pin configuration, this part is commonly found in:
* **Mobile Electronics:** Connecting LCD screens or camera modules to the mainboard.
* **Medical Instrumentation:** Handheld diagnostic tools.
* **Automotive Displays:** Small interface panels and sensors.
---
- ⤷
What is the difference between ZIF and Non-ZIF versions of this connector?
- ⤷ What are the recommended soldering temperature profiles for the FLCS series?
- ⤷ Are there specific FPC thickness requirements for the FLCS-14-R/Q?