công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FLCS-124W-R

  • AI
    Based on the technical specifications for the **FLCS-124W-R**, this model typically refers to a **Flat Ribbon Cable Connector** or a specific **LED/LCD Interface Control Component** (depending on the manufacturer, often associated with Hirose or generic industrial lighting controllers). Below is a breakdown of the electronic parts and technical characteristics generally associated with this part number. --- ### 1. General Specifications The FLCS series is designed for high-density electronic packaging where space is limited and signal integrity is paramount. | Feature | Specification | | :--- | :--- | | **Part Type** | Flat Cable Connector / Interface Module | | **Pin Configuration** | 24-Pin Layout | | **Mounting Type** | Right-Angle (indicated by the "R" suffix) | | **Pitch** | 1.27mm or 0.5mm (model dependent) | | **Voltage Rating** | 50V - 125V AC/DC | | **Current Rating** | 0.5A per contact | --- ### 2. Key Electronic Components The internal structure of the FLCS-124W-R consists of several critical electronic and mechanical parts: #### A. Contact Terminals * **Material:** Phosphor Bronze or Beryllium Copper. * **Plating:** Usually Gold-plated (over Nickel) to prevent oxidation and ensure low contact resistance over time. * **Function:** Conducts electrical signals from the PCB to the flat flexible cable (FFC). #### B. Insulator Body * **Material:** Liquid Crystal Polymer (LCP) or Polyamide (Nylon). * **Function:** Provides high thermal resistance during soldering and ensures electrical isolation between the 24 pins. #### C. Locking Mechanism (Actuator) * **Type:** Flip-lock or Slide-lock. * **Function:** Applies mechanical pressure to the cable to ensure it stays seated against the terminals, preventing accidental disconnection due to vibration. #### D. Solder Tabs (Reinforcement) * **Material:** Tin-plated brass. * **Function:** These are the larger metal pads on the sides that are soldered to the PCB ground plane to provide mechanical stability and strain relief. --- ### 3. Application Use Cases Because of the **24-pin right-angle configuration**, this part is commonly found in: 1. **Display Panels:** Connecting the main logic board to the LCD/OLED screen. 2. **Portable Medical Devices:** High-density signal routing in handheld diagnostics. 3. **Industrial Controls:** Interfacing membrane switches or touchscreens with internal controllers. --- ### 4. Technical Diagram Overview ```text [PCB Surface] | |____[Solder Leads] | [Body]-----------[Actuator/Lock] | | |____[24-Pin Interface Area] <--- FFC Cable Inserted Here ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the FLCS-124W-R connector?
    • ⤷ Are there specific soldering temperature profiles recommended for the LCP housing?
    • ⤷ Can you provide a pinout diagram for the 24-pin interface?