công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FLCS-122-R/K

  • AI
    The **FLCS-122-R/K** is a specialized high-density fiber optic adapter/connector component, typically used in telecommunications and data center environments. Specifically, it refers to a **Duplex LC (Lucent Connector) Adapter** designed for specific mounting requirements. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | LC (Lucent Connector) | | **Configuration** | Duplex (Two fibers per port) | | **Mounting Style** | Senior/Junior (R/K typically denotes specific clip or footprint variations) | | **Sleeve Material** | Usually Zirconia Ceramic (for Single-mode) or Phosphor Bronze (for Multimode) | | **Orientation** | Side-by-side high-density layout | --- ### 2. Electronic & Optical Functionality While fiber optic parts are "passive" (they do not require electricity to function), they are critical interfaces for electronic systems. #### A. Alignment Mechanism The core of the FLCS-122 is the **alignment sleeve**. This is a precision-machined tube inside the adapter that ensures the two ceramic ferrules of the LC cables meet with sub-micron precision. * **Low Insertion Loss:** High-quality alignment reduces signal drop. * **High Return Loss:** Prevents light from reflecting back into the laser diode of the transceiver. #### B. Housing and Shielding * **Material:** Usually a high-grade thermoplastic (UL 94V-0 rated). * **EMI Shielding:** Some "R/K" variants include metal shutters or EMI gaskets to prevent electromagnetic interference from leaking through the patch panel apertures. --- ### 3. Component Breakdown 1. **Outer Housing:** Provides the mechanical structure and the "click" locking mechanism. 2. **Mounting Clips:** The "R/K" designation often refers to the **spring clips** used to snap the adapter into a panel without screws. 3. **Dust Caps:** Essential for protecting the internal optical interface from contaminants that can bridge the gap between fiber cores. --- ### 4. Typical Applications * **SFP/SFP+ Transceivers:** Used as the bulkhead interface to connect network switches to the fiber plant. * **Fiber Patch Panels:** High-density distribution frames in server rooms. * **FTTH (Fiber to the Home):** Termination points in optical network terminals.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and K suffix in this part number?
    • ⤷ Is this adapter compatible with both single-mode and multi-mode fiber?
    • ⤷ What are the specific panel cutout dimensions for the FLCS-122?