FLCS-03-R/Q
AI

The **FLCS-03-R/Q** series refers to specific high-performance **Flow Control Valves** (specifically solenoid-controlled liquid flow switches or valves) often used in industrial automation and fluid management.
Below is a breakdown of the electronic and electromechanical components typically associated with this part number.
### 1. Technical Specifications Overview
The "R/Q" suffix usually denotes specific voltage or connection configurations.
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | Solenoid Liquid Control Valve / Flow Switch |
| **Operating Voltage** | 24V DC or 110V/220V AC (Model dependent) |
| **Power Consumption** | 5W - 15W |
| **Connection Type** | Lead wires or DIN Connector (Q-type often implies Quick-connect) |
| **Protection Rating** | IP65 (Dust tight, water jet resistant) |
---
### 2. Key Electronic Components
The FLCS-03 series relies on several internal electronic and magnetic parts to function:
#### A. The Solenoid Coil (Actuator)
The heart of the unit is an electromagnetic coil. When current passes through this coil, it creates a magnetic field that pulls a plunger, either opening or closing the valve.
* **Insulation Class:** Usually Class F or H for high-temperature resistance.
* **Duty Cycle:** Rated for 100% ED (Continuous Duty).
#### B. Internal Switching/Sensors
In models designated as "Flow Switches," the unit contains:
* **Reed Switch or Hall Effect Sensor:** To detect the physical position of the internal piston/diaphragm.
* **Output Signal:** Usually provides a Dry Contact (NO/NC) or a PNP/NPN transistor output to a PLC (Programmable Logic Controller).
#### C. Surge Suppression
Most modern versions (especially the "R" or "Q" variants) include integrated electronics to protect the system:
* **Flyback Diode (DC models):** Prevents voltage spikes when the coil is de-energized.
* **Varistor (AC models):** Protects the solenoid from power surges.
---
### 3. Wiring and Connection (R vs Q)
The suffix typically identifies the electrical interface:
1. **"R" Variant:** Often indicates **Lead Wires**. The electronic connection is made via direct cabling into a junction box.
2. **"Q" Variant:** Often indicates a **Quick-Connect** or DIN 43650 Connector. This allows for rapid replacement of the electronic head without rewiring the entire system.
---
### 4. Schematic Example
The basic electrical logic for integrating this part into a circuit:
```mermaid
graph LR
A[Power Supply 24VDC] --> B[PLC Output Card]
B --> C{FLCS-03-R/Q}
C --> D[Ground/Common]
C -.-> E[Feedback Signal to PLC Input]
```
---
### 5. Maintenance Notes
* **Coil Resistance:** If the valve fails to actuate, measure the resistance across the terminals using a multimeter. An "Open" reading indicates a burnt-out coil.
* **Voltage Tolerance:** Ensure the supplied voltage is within ±10% of the rated value to prevent overheating or weak magnetic pull.
- ⤷What is the specific pinout for the FLCS-03-Q connector?
- ⤷ Can the solenoid coil be replaced independently of the valve body?
- ⤷ How do I troubleshoot a weak signal from the internal flow sensor?