công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FLCS-02-R/Q

  • AI
    Based on the part number provided, the **FLCS-02-R/Q** typically refers to a high-performance **Flow Control Valve** (specifically an Electro-Hydraulic Proportional Flow Control and Relief Valve) often manufactured by brands like Yuken or similar industrial hydraulics specialists. Below is an explanation of its electronic components and control mechanisms. --- ## 1. Electronic Component Breakdown The "FLCS" series integrates hydraulic mechanics with electronic control to maintain precise flow rates regardless of pressure changes. | Component | Description | Function | | :--- | :--- | :--- | | **Proportional Solenoid** | An electromagnetic actuator. | Converts electrical current into a linear force to move the valve spool. | | **LVDT (Transducer)** | Linear Variable Differential Transformer. | Provides high-precision electronic feedback on the actual position of the spool. | | **Internal Controller** | Integrated circuit (on "Q" models). | Processes the input signal and manages the PID loop for positioning. | | **Connector** | Typically a 4-pin or 6-pin circular plug. | Interfaces with the Power Supply (24V DC) and the Command Signal (0-10V or 4-20mA). | --- ## 2. Key Technical Specifications The electronic performance of these valves is defined by how they respond to electrical input signals. * **Supply Voltage:** Usually 24V DC. * **Input Signal:** Standard analog signals (0 to +10V DC) are used to dictate the flow rate. * **Hysteresis:** Typically < 1% due to the electronic feedback loop. * **Repeatability:** Extremely high (approx. 0.5%) because the electronic sensor compensates for mechanical wear. --- ## 3. Difference Between "R" and "Q" Models In this series, the suffix determines the level of electronic integration: ### Type R (Remote Control) * **Electronic Setup:** Requires an external power amplifier (driver card). * **Operation:** You must wire the solenoid to a separate control board located in a control cabinet. * **Best for:** Systems where the environment is too hot or vibrates too much for onboard electronics. ### Type Q (Integrated Electronics) * **Electronic Setup:** The amplifier is mounted directly on the valve body. * **Operation:** "Plug and Play." You provide 24V power and a command signal directly to the valve. * **Best for:** Reducing wiring complexity and improving signal integrity (less EMI/RFI interference). --- ## 4. Operational Logic 1. **Command:** The user sends a 5V signal (50% flow) to the valve. 2. **Comparison:** The onboard electronics compare this 5V command to the current position reported by the **LVDT**. 3. **Correction:** If the spool is not at 50%, the electronic driver increases current to the **Solenoid**. 4. **Stabilization:** Once the LVDT confirms the spool is at the exact coordinate, the current is stabilized.
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the Q-type integrated connector?
    • ⤷ Which external power amplifier is recommended for the R-type version?
    • ⤷ How do I calibrate the zero-point on the FLCS-02 electronic controller?