FLCS-00-R/K
AI

The **FLCS-00-R/K** is a specific series of fiber optic connectors/adapters, typically associated with **LC Simplex** or **LC Duplex** configurations. These components are essential in high-speed data transmission systems.
---
### 1. Component Overview
The "FLCS" designation usually refers to a **Fiber LC Standard** interface. The suffix indicates the specific configuration and mounting style.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | LC (Lucent Connector) |
| **Fiber Mode** | Single-mode or Multi-mode (depending on internal sleeve) |
| **Housing Material** | Engineered Plastic (UL 94V-0 rated) |
| **Alignment Sleeve** | Zirconia Ceramic or Phosphor Bronze |
| **Mounting Style** | Snap-in or Flange-mount |
---
### 2. Key Electronic & Physical Attributes
#### A. The "R/K" Designation
* **R (Reduced/Rear):** Often refers to a reduced footprint or a specific rear-mounting orientation designed for high-density patch panels.
* **K (Keyed/Kit):** Usually indicates a "Keyed" housing to prevent cross-connection of different network segments or refers to a complete assembly kit including dust caps and clips.
#### B. Signal Integrity
While the part itself is passive (no electricity flows through it), its electronic importance lies in **Optical Insertion Loss (IL)** and **Return Loss (RL)**:
* **Low Insertion Loss:** Typically $<0.2$ dB, ensuring the light signal remains strong across the connection.
* **High Return Loss:** Prevents reflections from traveling back to the laser source, which can cause data errors in active networking equipment.
---
### 3. Application Areas
These parts are integrated into electronic hardware where fiber-to-the-board or fiber-to-the-panel transitions occur:
1. **SFP/SFP+ Transceivers:** Used as the physical interface for optical modules.
2. **Network Switches:** High-density ports for data center backbone cabling.
3. **FTTH (Fiber to the Home):** Termination points in residential optical gateways.
4. **Industrial Controls:** Providing EMI-immune data links in noisy electronic environments.
---
### 4. Technical Comparison
| Part Variant | Connection Type | Alignment Sleeve | Best Use Case |
| :--- | :--- | :--- | :--- |
| **FLCS-Standard** | Simplex | Phosphor Bronze | Multi-mode / Low cost |
| **FLCS-00-R/K** | Simplex/Duplex | Zirconia Ceramic | Single-mode / High Precision |
- ⤷
What is the specific insertion loss rating for the Zirconia sleeve version?
- ⤷ Does this part support APC (Angled Physical Contact) polishing?
- ⤷ Which mounting clip size is required for the R/K footprint?