FL160808-R33
AI

The **FL160808-R33** is a surface-mount electronic component, specifically a **multilayer chip inductor**. It is commonly used in high-frequency circuits for signal filtering and noise suppression.
Below is a detailed breakdown of its specifications and characteristics based on its part numbering convention.
---
## 1. Part Number Deciphering
The alphanumeric code follows a standard industry format for passive components:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **FL** | Series Type | Often refers to Multilayer Ferrite Chip Inductor / Filter. |
| **160808** | Case Size (Metric) | Dimensions: 1.6mm (L) x 0.8mm (W) x 0.8mm (H). Equivalent to **EIA 0603**. |
| **R33** | Inductance Value | **0.33 µH** (The 'R' acts as a decimal point). |
---
## 2. Technical Specifications
While exact parameters can vary slightly by manufacturer (such as TDK, Murata, or Taiyo Yuden), the general specifications for an R33 0603 inductor are as follows:
### Electrical Characteristics
* **Inductance:** 0.33 µH (330 nH).
* **Tolerance:** Typically ±10% (K) or ±20% (M).
* **DC Resistance (DCR):** Usually ranges from **0.40Ω to 0.80Ω**.
* **Rated Current:** Typically between **150mA and 300mA** (depending on heat rise).
* **Self-Resonant Frequency (SRF):** Generally around **100MHz - 150MHz**.
### Physical Properties
* **Material:** Ferrite-based multilayer construction.
* **Termination:** Tin-plated (Pb-Free/RoHS compliant).
* **Operating Temperature:** Generally **-40°C to +85°C** or **+125°C**.
---
## 3. Applications and Usage
The FL160808-R33 is designed for compact electronic devices where space is at a premium.
* **EMI Suppression:** Used to filter out high-frequency noise in data lines.
* **RF Matching:** Used in wireless communication modules (Bluetooth, Wi-Fi) for impedance matching.
* **Decoupling:** Prevents high-frequency interference from traveling between different sections of a PCB.
* **Common Devices:** Smartphones, tablets, wearable tech, and portable medical devices.
---
## 4. Soldering Footprint (Land Pattern)
For PCB design, use the standard **0603 (Metric 1608)** footprint:
```text
1.6mm
<------------->
+-----+ +-----+ ^
| PAD | | PAD | | 0.8mm
+-----+ +-----+ v
^ ^
|---0.6---| (Gap)
```
- ⤷
What is the difference between a ferrite bead and a multilayer inductor like the R33?
- ⤷ How does the 'Rated Current' affect the performance of this inductor in a power circuit?
- ⤷ Can I substitute a 0603 inductor with an 0402 size if the inductance is the same?