FJT-8A-R
AI

The **FJT-8A-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Profile Jack** or a **Shielded Modular Connector** (often used in telecommunications or networking equipment).
Below is a detailed breakdown of its technical specifications and physical characteristics.
---
### 1. General Specifications
The FJT series generally refers to modular connectors (similar to RJ45 or RJ11 styles) designed for high-density PCB mounting.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Modular Jack / Connector |
| **Mounting Type** | SMT (Surface Mount Technology) |
| **Shielding** | Fully Shielded (Metal Housing) |
| **Orientation** | Right Angle / Side Entry |
| **Contact Plating** | Gold over Nickel |
### 2. Key Electronic Components & Materials
To understand how the FJT-8A-R functions, it is essential to look at its internal construction:
* **Housing:** Usually made of high-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
* **Shielding:** A copper alloy or stainless steel shell that provides EMI (Electromagnetic Interference) protection and grounding.
* **Contacts:** Phosphor bronze base material for flexibility and conductivity, plated with gold to prevent oxidation and ensure low contact resistance.
### 3. Pin Configuration & Applications
The "8A" in the part number usually indicates an **8-position** configuration.
* **Positions/Contacts:** 8P8C (8 Positions, 8 Contacts).
* **Common Uses:**
* Ethernet connections (LAN).
* High-speed data transmission in telecommunications.
* Compact consumer electronics where vertical space is limited.
* **Mechanical Strength:** Includes "solder tabs" or "pegs" on the shield to provide mechanical stability on the PCB, preventing the connector from being ripped off during cable insertion/removal.
### 4. Typical Electrical Ratings
While specific manufacturer datasheets may vary slightly, standard ratings for this class of connector are:
| Parameter | Typical Value |
| :--- | :--- |
| **Voltage Rating** | 125V AC/DC |
| **Current Rating** | 1.5 Amps |
| **Contact Resistance** | < 30 mΩ |
| **Insulation Resistance** | > 500 MΩ |
| **Dielectric Strength** | 1000V AC for 1 minute |
---
### Summary for Designers
When integrating the **FJT-8A-R** into a circuit, ensure that the PCB footprint accounts for the SMT pads and the grounding points of the shield. Because it is a low-profile component, it is ideal for slim-line devices like routers, laptops, or embedded industrial controllers.
- ⤷
What is the exact PCB footprint dimensions for the FJT-8A-R?
- ⤷ Does this connector support PoE (Power over Ethernet) standards?
- ⤷ Which manufacturers are the primary suppliers for the FJT series connectors?