FJT-26-R
AI

## Overview of FJT-26-R
The **FJT-26-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Magnetic Component** used in DC-DC converters and power management circuits.
---
### Technical Specifications
Below are the general characteristics typically associated with the FJT-26 series of inductors:
| Feature | Specification |
| :--- | :--- |
| **Type** | Shielded Power Inductor |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Inductance Range** | Typically measured in microhenries (µH) |
| **Core Material** | Ferrite |
| **Shielding** | Magnetically Shielded (prevents EMI) |
| **Termination** | Lead-free (RoHS Compliant) |
---
### Key Electronic Functions
1. **Energy Storage:** Like all inductors, the FJT-26-R stores energy in a magnetic field when electric current flows through it. It is primarily used to smooth out voltage ripples.
2. **Noise Filtration:** Due to its magnetic shielding, it is excellent at filtering out High-Frequency noise in electronic circuits, ensuring stable operation for sensitive microprocessors.
3. **EMI Suppression:** The "shielded" nature of the FJT-26-R design prevents Electromagnetic Interference (EMI) from leaking out and affecting neighboring components on the PCB (Printed Circuit Board).
---
### Application Areas
These parts are commonly found in compact electronic devices where space is limited but power efficiency is critical:
* **Mobile Devices:** Smartphones and tablets for battery management.
* **Computing:** DC-to-DC converters on motherboards and laptops.
* **Consumer Electronics:** LCD displays, digital cameras, and portable gaming consoles.
* **Automotive:** Infotainment systems and sensor modules.
---
### Typical Circuit Symbol
In a schematic diagram, the FJT-26-R is represented by the standard inductor symbol:
```text
L1
----(UUU)----
```
- ⤷
What is the saturation current rating for the FJT-26-R?
- ⤷ How does the FJT-26-R compare to unshielded inductors in terms of EMI?
- ⤷ What are the recommended soldering temperature profiles for this SMD component?