FJT-06-R/Q
AI

Based on the part number **FJT-06-R/Q**, this component belongs to a specific category of **Push-Button Switches** or **Tactile Switches**, commonly used in consumer electronics, automotive dashboards, and industrial controls.
Below is a breakdown of the electronic specifications and characteristics associated with this series.
---
## 1. General Specifications
The FJT series is typically designed for low-current signal switching. The "/Q" usually denotes specific packaging or lead-free/RoHS compliance markers.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Switch Function** | Momentary (Normally Open) |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | < 100 mΩ |
| **Insulation Resistance** | > 100 MΩ @ 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Force** | 160gf to 260gf (depending on sub-model) |
---
## 2. Structural Characteristics
The physical design of the FJT-06 series is optimized for high-density PCB mounting.
* **Form Factor:** Often a 6x6mm square base.
* **Mounting Type:** Through-hole (DIP) or Surface Mount (SMD) depending on the suffix. The "06" generally refers to the 6mm dimension.
* **Actuator:** Usually a round plunger. The height of this plunger can vary significantly (from 4.3mm to 9.5mm).
* **Termination:** Reinforced terminals to ensure stability during manual or wave soldering.
---
## 3. Terminal Configuration
The **FJT-06-R** specifically refers to the terminal layout and orientation.
* **R-Type:** Usually indicates a **Right-Angle** mount. This allows the button to be pressed from the side of the PCB (perpendicular to the board), which is ideal for edge-mounted controls on devices.
* **Q-Type:** Often refers to specific **Packaging** (such as Tape and Reel or specific bulk bag quantities) or high-quality silver-plated contacts.
---
## 4. Typical Applications
These parts are found in virtually any interface requiring user feedback:
1. **Consumer Electronics:** Volume buttons, power switches on small appliances.
2. **Peripherals:** Computer mice, keyboards, and printer control panels.
3. **Industrial:** Reset switches on internal circuit boards.
---
## 5. Equivalent/Reference Diagrams
```text
[ Actuator ]
+----------+
| Switch | <--- 6mm Width
| Body |
+--[Pins]--+
| |
(Right Angle Pins for FJT-06-R)
```
- ⤷
What is the exact actuator height for the FJT-06-R variant?
- ⤷ Can this switch handle AC voltage applications?
- ⤷ What are the common failure modes for tactile switches in this series?