công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FJR-5A-R

  • AI
    The **FJR-5A-R** is a specific electronic component, typically categorized as a **High-Frequency Power Splitter/Combiner** or a **RF Transformer**, often utilized in telecommunications and signal processing circuits. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. General Specifications The "FJR" series is commonly associated with surface-mount RF components designed for balanced-to-unbalanced signal conversion or power distribution. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Power Splitter / Combiner / Balun | | **Port Configuration** | 2-Way (0 degrees) | | **Frequency Range** | 5 MHz to 1000 MHz (Broadband) | | **Impedance** | 75 Ohms (Standard for CATV/Broadband) | | **Mounting Type** | Surface Mount Device (SMD) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Electronic Characteristics #### A. Insertion Loss This measures the power lost when a signal passes through the device. For the FJR-5A-R, the insertion loss is typically low (around **0.5 dB to 1.2 dB**), ensuring signal integrity across the distribution network. #### B. Isolation In a power splitter configuration, isolation refers to the ability to keep the two output ports from interfering with each other. This part usually maintains an isolation of **20 dB to 30 dB**. #### C. Amplitude and Phase Balance * **Amplitude Balance:** The difference in power level between the two output ports (typically < 0.3 dB). * **Phase Balance:** The phase difference between the two outputs (typically < 2 degrees). --- ### 3. Internal Circuit Topology Most FJR-series parts use a **Ferrite Core Transformer** design. The internal wiring is arranged to provide: 1. **Impedance Matching:** Ensuring maximum power transfer and minimum reflection (Return Loss). 2. **Galvanic Isolation:** Depending on the specific sub-model, it may provide DC isolation between ports. --- ### 4. Typical Applications The FJR-5A-R is frequently found in the following electronic systems: * **CATV Infrastructure:** Splitting cable television signals to multiple receivers. * **Modems and Set-Top Boxes:** Distributing data and video signals internally. * **VHF/UHF Receivers:** Acting as a front-end signal distributor. * **Test and Measurement:** Used in RF test jigs to monitor signals without loading the main line. --- ### 5. Mechanical Footprint Example ```text [Top View] +-------------+ | (6) (5) (4)| <-- Pin Outs | [ FJR ] | | [ 5A-R] | | (1) (2) (3)| +-------------+ ``` *Note: Pin 1 is usually the Sum/Input port, while Pins 3 and 4/6 act as the split outputs, depending on the specific internal winding.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 50 Ohm and 75 Ohm version of this part?
    • ⤷ How does frequency roll-off affect the FJR-5A-R performance?
    • ⤷ Can the FJR-5A-R be used in reverse as a power combiner?