FJFT5-AA-R
AI

The **FJFT5-AA-R** is a specific electronic component commonly used in telecommunications and data networking hardware. It is a **Surface Mount (SMT) Integrated RJ45 Connector**, often referred to as a "MagJack" because it integrates magnetic components directly into the connector housing.
---
## 1. Technical Specifications
The following table highlights the core technical characteristics of the FJFT5-AA-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Integrated Connector (MagJack) |
| **Mounting Type** | Surface Mount (SMT / SMD) |
| **Orientation** | Right Angle (Horizontal) |
| **Ethernet Speed** | 10/100 Base-T (Fast Ethernet) |
| **LED Configuration** | Typically Dual (Green/Yellow or as specified) |
| **Shielding** | Metal Shielded (EMI Protection) |
| **Termination** | Solder |
---
## 2. Key Internal Components
Unlike a standard plastic RJ45 jack, the "Integrated" nature of the FJFT5-AA-R means it contains several sub-components inside the shell:
### A. Magnetics (Transformers)
Inside the housing, there are tiny wire-wound toroidal cores. These serve two purposes:
* **Isolation:** They provide galvanic isolation between the network cable and the PHY (Physical Layer) chip on the PCB, protecting the circuit from voltage spikes.
* **Signal Integrity:** They filter out common-mode noise and match impedance to ensure clean data transmission.
### B. EMI Shielding
The outer metal "can" or shell is designed to be grounded to the PCB. This acts as a Faraday cage to prevent electromagnetic interference (EMI) from escaping the device or entering the signal path.
### C. Status LEDs
The "AA" in the part number often refers to the specific configuration of the light-emitting diodes located at the top corners of the jack. These provide immediate visual feedback on:
* **Link Status:** Whether a physical connection is established.
* **Activity:** Flashing to indicate data packets are being sent or received.
---
## 3. Application Use Cases
The FJFT5-AA-R is primarily found in compact networking equipment where space is at a premium and manual soldering is minimized:
* **IoT Gateways:** Small form-factor hubs that require Ethernet connectivity.
* **Embedded Systems:** Industrial controllers and Single Board Computers (SBCs).
* **Network Switches:** High-density port layouts where SMT mounting speeds up production.
* **Set-top Boxes:** Consumer electronics requiring a wired internet connection.
---
## 4. Typical Pinout Mapping
While the internal magnetics handle the signal, the physical footprint usually follows this standard:
```markdown
1. TD+ (Transmit Data +)
2. TD- (Transmit Data -)
3. RD+ (Receive Data +)
4. NC (No Connection / Center Tap)
5. NC (No Connection / Center Tap)
6. RD- (Receive Data -)
7. NC (No Connection)
8. GND (Ground)
```
- ⤷
What is the footprint difference between SMT and Through-Hole RJ45 connectors?
- ⤷ How do integrated magnetics improve EMI performance compared to discrete components?
- ⤷ Can this connector support Power over Ethernet (PoE) applications?