công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FJFT4-HA-R/Q

  • AI
    The **FJFT4-HA-R/Q** is a high-performance, shielded RJ45 magnetic connector (often referred to as an "Integrated Connector Module" or ICM). It is primarily designed for high-speed Ethernet applications, integrating the physical connector with the necessary isolation transformers and EMI suppression components. ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the FJFT4-HA-R/Q: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Port Configuration** | Single Port (1x1), Tab-Up | | **Shielding** | Metal Shield with EMI fingers | | **Isolation Voltage** | 1500 Vrms (minimum) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **LED Configuration** | Typically dual LEDs (e.g., Green/Yellow) for Link/Activity | --- ### 2. Internal Electronic Components Unlike a standard plastic RJ45 jack, the "Magnetic" designation means this part contains several internal electronic circuits: #### A. Isolation Transformers These provide galvanic isolation between the Ethernet cable and the PHY (Physical Layer) chip. This protects the sensitive semiconductor components from high-voltage surges and ground loops. #### B. Common Mode Chokes (CMC) These components are used to filter out electromagnetic interference (EMI). They allow the differential data signal to pass through while blocking unwanted noise that could interfere with other electronics or violate FCC/CE regulations. #### C. Termination Resistors (Bob Smith Termination) The internal circuit usually includes a network of resistors and a high-voltage capacitor to terminate unused wire pairs and the common-mode signals to ground. This reduces reflections and improves signal integrity. --- ### 3. Pinout and Circuit Schematic While specific pinouts can vary slightly by manufacturer, the standard internal wiring for a Gigabit (1000 Base-T) magnetics module follows this logic: ```c [Ethernet Cable Side] <--> [Transformers/Chokes] <--> [PCB Side / PHY] (Pins J1-J8) (Internal Magnetics) (Pins 1-10+) // Typical Internal Circuit: // PHY_TX+ ----(CMC)----(Transformer)---- J1 // PHY_TX- ----(CMC)----(Transformer)---- J2 ``` --- ### 4. Applications * **Networking Equipment:** Switches, routers, and hubs. * **Industrial Automation:** Programmable Logic Controllers (PLCs) and industrial PCs. * **IoT Devices:** Smart gateways requiring robust wired connectivity. * **Embedded Systems:** Single-board computers (SBCs) where PCB space is limited.
    ✨ Follow-up Questions
    • ⤷ What are the specific LED colors and pin configurations for the FJFT4-HA-R/Q?
    • ⤷ How does 'Tab-Up' orientation affect the PCB layout compared to 'Tab-Down'?
    • ⤷ Is this part compatible with Power over Ethernet (PoE) standards?