công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FJF-AA-R/5

  • AI
    The **FJF-AA-R/5** is a specific electronic component typically categorized as a **high-precision current-sense resistor** or a specialized **shunt**. These parts are designed to measure current by monitoring the voltage drop across a known resistance value. Below is a breakdown of the electronic characteristics and specifications typical for this series. ### 1. Component Overview The FJF series generally refers to metal foil or metal plate shunt resistors. They are engineered for low resistance values and high stability under varying temperatures. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Current Sense Resistor / Shunt | | **Construction** | Metal Plate / Alloy | | **Mounting Type** | Surface Mount (SMD) | | **Common Application** | Power management, Battery monitoring, Motor control | --- ### 2. Key Electronic Specifications While specific datasheets vary by manufacturer (often associated with brands like **Ohmite** or **Isabellenhütte** patterns), the "R/5" suffix usually denotes the resistance value or a specific tolerance/packaging code. * **Resistance Value:** Often in the milliohm ($m\Omega$) range (e.g., 5m$\Omega$ or 0.5m$\Omega$). * **Power Rating:** Typically ranges from **3W to 7W** depending on the footprint size and heat dissipation capabilities. * **Temperature Coefficient (TCR):** Extremely low, often $<\pm50 \text{ ppm/}^\circ\text{C}$, ensuring accuracy as the component heats up. * **Tolerance:** Usually tight, ranging from $\pm0.1\%$ to $\pm1\%$. --- ### 3. Internal Construction The "electronic parts" within this component are not active (like transistors) but are precision-engineered materials: 1. **Resistive Element:** A specialized Manganese-Copper or Nickel-Chrome alloy plate. 2. **Terminals:** Large copper terminals to minimize "parasitic resistance" and allow for high current flow. 3. **Encapsulation:** High-temperature epoxy or ceramic coating to protect the alloy from oxidation. --- ### 4. Typical Application Circuit In an electronic system, the FJF-AA-R/5 is placed in series with the load. The voltage ($V$) is measured across its terminals: ```cpp // Formula: I = V / R // Where: // I = Current being measured // V = Voltage drop measured by an ADC or Op-Amp // R = 0.005 Ohms (Example value for R5) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the R/5 suffix in this model?
    • ⤷ Can you provide a footprint or land pattern diagram for the FJF series?
    • ⤷ What are the thermal derating curves for this specific resistor?