công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FJDL-A0A-R

  • AI
    The **FJDL-A0A-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for voltage regulation and noise filtering. Below is a detailed breakdown of the electronic specifications and characteristics of this component. --- ### 1. General Specifications The "FJDL" series is often associated with high-current, low-profile power inductors. While specific manufacturers (like Sumida, TDK, or specialized Chinese brands) might vary slightly, the "A0A" usually denotes a specific size and performance tier. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Core Material** | Ferrite or Metal Alloy (Shielded) | | **Mounting Type** | Surface Mount (SMT) | | **Lead Finish** | RoHS Compliant (Lead-Free) | | **Common Uses** | DC-DC Converters, VRM modules, Battery-powered devices | ### 2. Key Electronic Characteristics These parts are designed to handle high current while maintaining a small footprint. * **Inductance Value:** Usually specified in Microhenries ($\mu$H). This determines how much energy the part can store in its magnetic field. * **DC Resistance (DCR):** Measures the internal resistance of the copper winding. Lower DCR is preferred to prevent overheating and energy loss. * **Saturation Current ($I_{sat}$):** The maximum current the inductor can handle before its inductance drops significantly. * **Magnetic Shielding:** Most parts in this series are shielded to prevent Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB. ### 3. Physical Dimensions (Typical) The "A0A" suffix often refers to a standardized package size. Typical dimensions for this class of inductor are: | Dimension | Typical Value (Approx.) | | :--- | :--- | | **Length** | 10.0 mm to 12.0 mm | | **Width** | 10.0 mm to 12.5 mm | | **Height** | 3.0 mm to 5.0 mm | ### 4. Application Context The FJDL-A0A-R is commonly found in the following electronic assemblies: 1. **Laptops/Motherboards:** Used near the CPU to help convert high-voltage input to low-voltage, high-current power. 2. **LED Drivers:** Used to smooth the current flow to prevent flickering. 3. **Industrial Power Supplies:** Acting as a filter to remove high-frequency noise from switching power circuits. --- ### Summary Table: Pros and Cons | Pros | Cons | | :--- | :--- | | High energy storage density | Susceptible to thermal aging if overloaded | | Magnetic shielding reduces noise | Requires precise soldering profiles (SMD) | | Low profile for slim electronics | Specific footprints may be brand-dependent | ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value (uH) for the FJDL-A0A-R?
    • ⤷ Which manufacturer produces the FJDL series of inductors?
    • ⤷ What is the recommended solder land pattern for this part?