FF20-40A-R11A
AI

The **FF20-40A-R11A** is a specific type of Electronic Component, primarily identified as a **Flexible Printed Circuit (FPC) Connector**. It is manufactured by **DDK (Dai-Ichi Denshi Kogyo)**.
Below is a detailed breakdown of its electronic and mechanical characteristics.
---
### 1. General Specifications
The FF20 series is designed for high-density mounting in compact electronic devices (such as laptops, cameras, and handheld terminals).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | DDK Ltd. |
| **Part Series** | FF20 |
| **Number of Pins** | 40 Positions |
| **Pitch** | 0.5 mm |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Actuator Type** | ZIF (Zero Insertion Force) Flip-Lock |
| **Contact Location** | Bottom Contact |
---
### 2. Key Electronic Features
* **Low Profile:** These connectors are designed with a very low height (usually around 1.0mm to 1.5mm) to fit inside slim electronic enclosures.
* **Zero Insertion Force (ZIF):** The "FF" series utilizes a locking slider or "flip" mechanism. This means the FPC cable can be inserted without friction, preventing wear on the delicate gold-plated fingers of the cable.
* **Contact Reliability:** The R11A designation often refers to the specific plating and orientation (Bottom Contact), ensuring that the electrical path between the PCB and the FPC is stable and resistant to vibration.
---
### 3. Material Composition
| Component | Material |
| :--- | :--- |
| **Housing** | LCP (Liquid Crystal Polymer) - Heat resistant for reflow soldering |
| **Contacts** | Copper Alloy |
| **Contact Plating** | Gold plating over Nickel (prevents oxidation) |
| **Actuator** | PPS or specialized heat-resistant resin |
---
### 4. Common Applications
Due to its 0.5mm pitch and 40-pin density, this part is commonly found in:
1. **LCD Display Connections:** Linking a mainboard to a small display panel.
2. **Touch Panels:** Connecting digitizers to the processing unit.
3. **Optical Disk Drives:** Internal data transfer for slim drives.
4. **Medical Handhelds:** High-density signal routing in portable equipment.
---
### 5. Technical Precautions
* **Heat Sensitivity:** Since it is an SMT component, it must be soldered using a specific reflow profile to avoid melting the plastic housing.
* **Cable Thickness:** This connector is typically designed for FPC/FFC cables with a thickness of **0.3mm (±0.03mm)**. Using a thicker cable can damage the ZIF locking bridge.
- ⤷What is the difference between top and bottom contact versions for this connector?
- ⤷ Can I use a 40-pin FFC cable from a different manufacturer with this DDK connector?
- ⤷ What is the recommended solder reflow temperature for the FF20 series?