công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FF20-22A-R11A

  • AI
    ### Overview of FF20-22A-R11A The **FF20-22A-R11A** is a specialized electronic component, specifically a **Flexible Printed Circuit (FPC) Connector** manufactured by DDK Ltd. It is designed for high-density electronic assemblies where space-saving and reliable signal transmission are critical. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | FPC Connector (ZIF - Zero Insertion Force) | | **Number of Contacts** | 22 Pins | | **Pitch** | 0.5 mm | | **Mounting Orientation** | Right Angle / Horizontal | | **Contact Location** | Upper Contact (Top side) | | **Lock Mechanism** | Flip-lock (Back-lock) actuator | | **Current Rating** | 0.5 A per contact | | **Voltage Rating** | 50V AC/DC | | **Height** | Ultra-low profile (approx. 0.9 mm to 1.0 mm) | --- ### Key Electronic & Structural Features #### 1. Zero Insertion Force (ZIF) Mechanism The "22A" series utilizes a ZIF mechanism. Unlike LIF (Low Insertion Force) connectors, ZIF connectors use a locking lever (actuator). This prevents wear and tear on the delicate FPC gold fingers during insertion, ensuring the cable remains secure even under vibration. #### 2. Upper Contact Configuration The "R11A" designation typically refers to the contact orientation. In this specific model, the electrical contacts are located on the **top side** of the internal slot. This means the FPC cable must be inserted with the exposed copper/gold pads facing **upward**. #### 3. Space-Saving Design With a **0.5mm pitch** and a height of less than 1mm, this part is engineered for: * Smartphones and tablets. * Wearable medical devices. * Slim laptop displays. * Digital cameras. #### 4. Material Composition * **Housing:** Heat-resistant thermoplastic (LCP - Liquid Crystal Polymer) to withstand SMT reflow soldering. * **Contacts:** Copper alloy with gold plating to prevent oxidation and ensure high conductivity. --- ### Application Usage When integrating this part into a PCB design, engineers must ensure the landing pattern matches the 0.5mm pitch. The back-lock actuator is designed to be operated after the cable is fully seated, providing a tactile "click" to confirm the connection is locked.
    ✨ Follow-up Questions
    • ⤷ What is the recommended PCB footprint for the FF20 series?
    • ⤷ How does the 'Upper Contact' design affect FPC cable orientation compared to 'Lower Contact' models?
    • ⤷ What are the common failure modes for ZIF connectors in mobile devices?