FDV0618-H-R68M
AI

The **FDV0618-H-R68M** is a high-current, shielded power inductor manufactured by **Murata** (formerly Toko). It is part of the FDV series, which is specifically designed for high-efficiency DC-DC conversion in space-constrained environments.
---
### 1. Key Technical Specifications
The part number itself contains the primary specifications. Below is the breakdown of its electrical and physical characteristics:
| Property | Value | Notes |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | Rated at 100 kHz |
| **Tolerance** | ±20% (M) | Standard tolerance for power inductors |
| **DC Resistance (DCR)** | 4.4 mΩ (Max) | Very low resistance to minimize power loss |
| **Saturation Current ($I_{sat}$)** | ~14.6 A | Current where inductance drops by 30% |
| **Temperature Rise Current** | ~11.5 A | Current causing a 40°C temp rise |
| **Operating Temp** | -40°C to +125°C | Suitable for industrial and automotive use |
| **Dimensions (L×W×H)** | 7.3 x 6.7 x 1.8 mm | Low profile "0618" package |
---
### 2. Physical Construction & Features
* **Magnetic Shielding:** The inductor is magnetically shielded. This prevents electromagnetic interference (EMI) from affecting surrounding components on the PCB.
* **Metal Alloy Core:** Unlike traditional ferrite cores, this series uses a metal alloy powder. This provides **soft saturation** characteristics, meaning the inductance drops gradually rather than abruptly when current increases.
* **Low Profile:** The "1.8mm" height makes it ideal for ultra-thin devices like laptops, tablets, and slim power modules.
* **AEC-Q200 Qualified:** The "-H" designation often indicates high-reliability or automotive-grade compliance in Murata’s nomenclature.
---
### 3. Common Applications
This part is typically found in the power stage of various electronic devices:
1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power supplies for high-speed computing.
2. **DC-DC Converters:** Core component in Buck (step-down) converters to smooth out output current.
3. **Portable Electronics:** Used in smartphones and tablets due to its small footprint and high efficiency.
4. **Automotive Infotainment:** Powering sensors or displays where EMI shielding is critical.
---
### 4. Part Number Breakdown
To help with sourcing or finding substitutes, here is the decoding logic:
* **FDV**: Series name (Metal Alloy Shielded Inductor).
* **0618**: Package size (approx. 6mm x 6mm footprint, 1.8mm height).
* **H**: High reliability/Automotive specification.
* **R68**: Inductance value (R68 = 0.68 microhenries).
* **M**: Tolerance code (M = ±20%).
- ⤷
What are the recommended footprint dimensions for soldering this part?
- ⤷ How does the 'soft saturation' of metal alloy cores differ from ferrite cores?
- ⤷ What are the common alternatives to the FDV0618 series for higher current requirements?