FDV0530S-R12M
AI

The **FDV0530S-R12M** is a high-performance, fixed power inductor typically manufactured by Murata (formerly TOKO). It is part of the FDV series, which is designed for high-current applications using metal alloy materials.
---
### 1. General Specifications
Below is a technical breakdown of the component's parameters:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.12 µH |
| **Tolerance** | ±20% (M) |
| **Rated Current (Isat)** | ~25.2 A (Saturation current) |
| **Rated Current (Itemp)** | ~16.6 A (Temperature rise current) |
| **DC Resistance (DCR)** | ~1.4 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Shielded, Metal Alloy Core |
---
### 2. Key Features
* **Metal Alloy Technology:** Unlike traditional ferrite inductors, the metal alloy core allows for a "soft saturation" characteristic. This means the inductance drops gradually as current increases, rather than dropping sharply.
* **Magnetic Shielding:** The molded construction provides excellent magnetic shielding, minimizing Electromagnetic Interference (EMI) with surrounding components.
* **Low DCR:** The very low DC resistance (1.4 mΩ) ensures high efficiency and minimal heat generation during high-current operation.
* **AEC-Q200 Qualified:** Most parts in this series are automotive grade, meaning they are tested for high vibration and thermal shock environments.
---
### 3. Physical Dimensions
The part number "0530" refers to its footprint and height in millimeters:
* **Length:** 6.2 mm (approx. including terminals)
* **Width:** 5.8 mm
* **Height:** 3.0 mm (Max)
---
### 4. Typical Applications
This inductor is primarily used in DC-DC converters for high-density power systems, including:
* **Notebooks and Tablets:** CPU/GPU core power supplies.
* **Networking Equipment:** High-current Point-of-Load (POL) converters.
* **Automotive:** Infotainment and Advanced Driver Assistance Systems (ADAS).
---
### 5. Part Number Decoding
```text
FDV 0530 S - R12 M
| | | | |
| | | | +-- Tolerance: M (±20%)
| | | +-- Inductance: R12 (0.12 µH)
| | +-- Series Modifier (Standard)
| +-- Dimensions: 5.0mm x 3.0mm (approximate body size)
+-- Series Name: Metal Alloy, Magnetically Shielded
```
- ⤷What is the difference between Isat and Itemp for this inductor?
- ⤷ Can you suggest a similar alternative with higher inductance?
- ⤷ How does the metal alloy core compare to a ferrite core in terms of EMI?