FDU1260-R45M
AI

The **FDU1260-R45M** is a high-performance, shielded fixed inductor typically used in power management circuits. It is part of the FDU series, known for its high current handling and compact surface-mount design.
---
### 1. Key Technical Specifications
The model number provides specific data regarding its physical size and electrical properties:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.45 µH |
| **Tolerance** | ±20% (M) |
| **Case Size** | 1260 (Approx. 12.5 x 12.5 x 6.0 mm) |
| **DCR (Direct Current Resistance)** | Very Low (Typically < 1.0 mΩ) |
| **Saturation Current ($I_{sat}$)** | High (Typically > 30A) |
| **Core Material** | Metal Alloy / Magnetic Powder |
---
### 2. Design and Construction
The FDU1260-R45M utilizes advanced materials and manufacturing techniques to optimize efficiency:
* **Shielded Construction:** The inductor is magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical for densely packed PCB layouts.
* **Metal Alloy Core:** Unlike traditional ferrite cores, the metal alloy powder core provides a "soft" saturation characteristic. This means the inductance drops gradually rather than abruptly as current increases.
* **Flat Wire Technology:** Often uses flat copper wire to maximize the cross-sectional area, which drastically reduces DCR and minimizes heat generation.
---
### 3. Applications
This specific component is designed for high-frequency DC-DC converters and high-current power supplies. Common use cases include:
* **Voltage Regulator Modules (VRMs):** Found in CPU and GPU power delivery systems on motherboards.
* **Industrial Power Supplies:** Used in high-wattage converters where efficiency is a priority.
* **Automotive Electronics:** Infotainment systems and ADAS modules requiring robust power filtering.
* **Servers and Networking:** High-current Point-of-Load (PoL) converters.
---
### 4. Part Number Breakdown
The nomenclature generally follows this pattern:
| Segment | Meaning |
| :--- | :--- |
| **FDU** | Series Identifier (High current, metal alloy) |
| **1260** | Dimensions (12mm x 12mm base, 6.0mm height) |
| **R45** | Inductance value (R = decimal point; 0.45 µH) |
| **M** | Tolerance code (M = ±20%) |
- ⤷
What are the thermal management requirements for the FDU1260-R45M at maximum load?
- ⤷ How does 'soft saturation' in metal alloy cores compare to ferrite core behavior?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?