công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FDS6892A..

  • AI
    ## FDS6892A: Dual N-Channel Logic Level PWM Optimized MOSFET The **FDS6892A** is a specialized electronic component designed by Fairchild Semiconductor (now part of onsemi). It belongs to the MOSFET family, specifically configured as a **Dual N-Channel** device housed in a single SO-8 package. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the FDS6892A: | Parameter | Symbol | Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Continuous Drain Current** | $I_D$ | 7.5 A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 18 mΩ (at $V_{GS}$ = 10V) | | **Total Gate Charge** | $Q_g$ | 12 nC (Typ) | | **Package Type** | - | SO-8 (Surface Mount) | --- ### 2. Physical Configuration (Pinout) The device contains two independent N-Channel MOSFETs. This "Dual" configuration is highly efficient for saving PCB space. * **Pins 1 & 3:** Source 1 & 2 * **Pins 2 & 4:** Gate 1 & 2 * **Pins 5, 6, 7, 8:** Drain 1 & 2 (connected in pairs for heat dissipation) --- ### 3. Core Features & Advantages 1. **PWM Optimization:** This MOSFET is specifically designed for Pulse Width Modulation (PWM) applications. It balances low $R_{DS(on)}$ (to reduce conduction losses) with low gate charge (to reduce switching losses). 2. **Logic Level Gate Drive:** It can be fully "turned on" using standard logic voltages (e.g., 4.5V), making it compatible with microcontrollers and dedicated PWM ICs without needing extra gate drivers. 3. **High Power Density:** By putting two MOSFETs in one SO-8 package, it reduces the component count and the overall footprint of the power management stage. 4. **Fast Switching:** The low Miller charge ($Q_{gd}$) allows for high-frequency operation, which is critical for modern DC-DC converters. --- ### 4. Typical Applications The FDS6892A is commonly found in the following circuits: * **DC-DC Converters:** Used in synchronous buck converters for laptops and servers. * **Battery Management:** Used as a switch in battery protection and charging circuits. * **Motor Control:** Small DC motor drivers where H-bridge configurations are required. * **Load Switching:** Efficiently turning off specific power rails in portable electronics to conserve energy. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between N-channel and P-channel MOSFETs in PWM applications?
    • ⤷ Can the FDS6892A be used with a 3.3V microcontroller signal?
    • ⤷ What are the thermal considerations for using an SO-8 package at 7.5A?