FDFMA2P853_06
AI

The **FDFMA2P853_06** is a high-performance integrated power solution manufactured by **onsemi** (formerly Fairchild Semiconductor). It is a composite device that combines a **P-Channel MOSFET** and a **Schottky Diode** in a single MicroFET package.
---
## 1. Key Component Specifications
| Parameter | P-Channel MOSFET | Schottky Diode |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DS}$)** | -20V | - |
| **Continuous Drain Current ($I_D$)** | -3.0A | - |
| **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | 120mΩ @ -4.5V | - |
| **Forward Voltage ($V_F$)** | - | 0.37V @ 0.5A |
| **Forward Current ($I_F$)** | - | 1.0A |
---
## 2. Structural Features
### Integrated Schottky Diode
The inclusion of a Schottky diode provides a low forward voltage drop. This is critical for improving efficiency in DC-DC conversion by minimizing conduction losses during the "off" cycle of the switching FET.
### MicroFET 2x2 Package
This part uses a **MicroFET 2x2mm** molded leadless package.
- **Thermal Performance:** Excellent heat dissipation compared to standard SOT packages.
- **Footprint:** Extremely small, making it ideal for space-constrained mobile and portable applications.
---
## 3. Pin Configuration & Internal Logic
The device is designed specifically for **Charging** and **Power Management** circuits.
* **P-Channel MOSFET:** Usually acts as the high-side switch. It is "On" when the gate-source voltage ($V_{GS}$) is negative.
* **Schottky Diode:** Connected in a way that typically facilitates reverse battery protection or serves as a boost/flyback diode.
---
## 4. Typical Applications
The FDFMA2P853_06 is commonly found in the following environments:
1. **Cellular Handsets:** Power management and battery charging circuits.
2. **Portable Devices:** Media players, tablets, and digital cameras.
3. **DC-DC Converters:** Small-scale buck or boost regulators where space is at a premium.
4. **Load Switching:** Using the MOSFET to connect or disconnect peripheral power rails.
---
## 5. Technical Advantages
* **Efficiency:** The low $R_{DS(on)}$ reduces power dissipation during the "On" state.
* **Simplified Design:** Combining two components into one reduces the Bill of Materials (BOM) count and saves PCB trace space.
* **Low Gate Charge:** Allows for fast switching speeds with minimal drive current.
- ⤷
What are the thermal resistance (Rja) values for the MicroFET 2x2 package?
- ⤷ Can this part be used for reverse polarity protection in 12V systems?
- ⤷ What is the maximum power dissipation (Pd) allowed for the FDFMA2P853_06?