công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FD-R41

  • AI
    The **FD-R41** is an integrated circuit (IC) primarily designed as a **Brushless DC (BLDC) Motor Driver**, specifically optimized for two-phase fan motors. It combines Hall sensor signal processing with power output stages into a single package. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the FD-R41: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Operating Voltage** | Vcc | 3.5 to 20 | V | | **Output Current (Continuous)** | Io | 400 | mA | | **Output Current (Peak)** | Ipeak | 800 | mA | | **Operating Temperature** | Topr | -20 to +85 | °C | | **Power Dissipation** | Pd | 500 | mW | --- ### 2. Functional Components The IC is "integrated," meaning it contains several sub-circuits within its silicone die: 1. **Hall Sensor Input:** It typically interfaces with an external Hall element to detect the position of the motor's magnetic rotor. 2. **Control Logic:** This block processes the Hall signal to determine which phase (winding) of the motor should be energized. 3. **H-Bridge / Output Drivers:** High-current transistors (usually Bipolar or MOSFET) that drive the motor coils directly. 4. **Protection Circuitry:** Often includes Zener diodes for Back-EMF (Electromotive Force) protection to prevent the chip from burning out when the motor stops or changes direction. --- ### 3. Pin Configuration (Typical) While packages may vary (often TO-92M or similar 4-pin packages), the general pinout is as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Positive power supply input. | | 2 | **OUT1** | Output connection for motor coil phase 1. | | 3 | **OUT2** | Output connection for motor coil phase 2. | | 4 | **GND** | Ground reference. | --- ### 4. Common Applications The FD-R41 is widely used in hardware where small, efficient cooling is required: * **Computer CPU Fans:** Specifically 12V DC brushless fans. * **Power Supply Units (PSU):** For heat dissipation management. * **Small Domestic Appliances:** Humidifiers or portable air purifiers. --- ### 5. Circuit Implementation Example The typical implementation is minimalist, requiring very few external components: ```c [ Power Supply +12V ] ----> [ Vcc Pin ] [ Ground ] --------------> [ GND Pin ] [ Motor Coil A ] --------> [ OUT1 Pin ] [ Motor Coil B ] --------> [ OUT2 Pin ] // Note: An external capacitor is usually placed across Vcc and GND // to filter electrical noise from the motor switching. ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative ICs for the FD-R41?
    • ⤷ How do you test if an FD-R41 chip is faulty using a multimeter?
    • ⤷ Does the FD-R41 support PWM speed control?