công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FCRS-K2-R

  • AI
    The **FCRS-K2-R** is an electronic component primarily classified as a **safety light curtain accessory** or a **controller-related connector cable** used in industrial automation, specifically associated with brands like **Keyence** or similar safety system manufacturers. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The FCRS-K2-R is a specialized **interface cable/connector** designed for the synchronization and power management of safety light curtains. It ensures that the emitter and receiver units communicate correctly to maintain a "safety field." ### 2. Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Safety Light Curtain Series Connection / Interface Cable | | **Connector A** | Circular Industrial Connector (usually M12 or proprietary) | | **Connector B** | Specialized Interface for Controller/Unit Connection | | **Cable Length** | Typically 2.0 meters (standard for -K2 suffix) | | **Material** | Oil-resistant PVC or PUR jacket | | **Shielding** | Braided Shield (to prevent EMI/RFI interference) | --- ### 3. Electronic Composition and Pinout Functions The internal wiring of the FCRS-K2-R is designed to handle different signal types simultaneously: * **Power Lines (VCC/GND):** Dedicated thick-gauge wires to provide stable 24V DC to the optical sensors. * **OSSD Signals (Output Signal Switching Device):** Two independent channels that carry the safety signal. If one fails, the other triggers a stop. * **Synchronization Wire:** A high-speed data line that synchronizes the infrared pulses between the Emitter and Receiver to prevent interference from other light sources. * **EDM (External Device Monitoring):** A feedback loop used to monitor the state of connected relays or contactors. ### 4. Key Features 1. **Redundancy:** The internal wiring supports dual-channel architecture to meet SIL3 (Safety Integrity Level 3) requirements. 2. **Robustness:** The "R" in the suffix often denotes **Robot-rated** or **Robust**, meaning the cable is designed for high-flex applications where the cable moves constantly (torsion resistance). 3. **Keying:** The connectors are physically keyed to prevent incorrect insertion, which could lead to short circuits or safety bypasses. --- ### 5. Application Usage In a typical electronic setup, the FCRS-K2-R is used to: * Connect a light curtain to a **Safety Relay**. * Daisy-chain multiple light curtain segments together (Series connection). * Interface between the sensor head and a PLC (Programmable Logic Controller).
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the FCRS-K2-R connector?
    • ⤷ Is the FCRS-K2-R compatible with Keyence SL-V series safety light curtains?
    • ⤷ What is the maximum bending radius for this cable in robotic applications?