công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FCR-ZA-R

  • AI
    The **FCR-ZA-R** series refers to a specific family of **Surface Mount (SMT) Film Chip Resistors**, primarily manufactured by companies like **KOA Speer** or similar high-end electronic component suppliers. These are specialized components designed for high-precision and high-reliability applications. --- ## 1. Technical Overview The FCR-ZA-R series is characterized by its thin-film or metal-glaze construction, optimized for stability and pulse resistance. Unlike standard thick-film resistors, these are built to withstand transient voltages and maintain tight tolerances. ### Key Specifications | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Fixed Surface Mount Resistor (SMD) | | **Resistance Range** | Typically 10Ω to 1MΩ (varies by size) | | **Tolerance** | ±0.5% to ±5% | | **Temperature Coefficient (TCR)** | ±100 ppm/°C to ±200 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Termination Material** | Lead-free (Sn) / RoHS Compliant | --- ## 2. Key Electronic Characteristics ### A. Pulse Withstanding Capability The "ZA" designation often indicates a design optimized for **anti-surge** or **pulse resistance**. This means the resistor can handle sudden bursts of energy (like a static discharge or power spike) without the resistive element cracking or burning out. ### B. High Reliability The "R" suffix often denotes **Reel packaging** for automated pick-and-place assembly, but in technical datasheets, it also highlights the "Reliability" rating, often meeting **AEC-Q200** standards for automotive use. ### C. Construction Layers 1. **Ceramic Substrate:** High-purity Alumina ($Al_2O_3$). 2. **Resistive Layer:** Metal glaze or specialized thin film. 3. **Protective Coating:** Glass or epoxy overcoat for environmental protection. 4. **Terminations:** Triple-layer (Silver, Nickel barrier, and Solder plating). --- ## 3. Identification & Ordering Code Typically, the part number is structured as follows: `FCR` - `Size` - `ZA` - `Resistance Value` - `Tolerance` - `R` * **FCR:** Film Chip Resistor. * **Size:** 0603, 0805, or 1206 (Imperial sizes). * **ZA:** Pulse/Anti-surge series. * **Resistance:** 3 or 4-digit code (e.g., `102` = 1kΩ). * **R:** Taping/Reel packaging. --- ## 4. Typical Applications * **Automotive Electronics:** Engine control units (ECUs) and battery management systems. * **Power Supplies:** Snubber circuits and input protection. * **Industrial Controls:** High-noise environments where voltage spikes are common. * **Medical Equipment:** Monitoring devices requiring long-term stability.
    ✨ Follow-up Questions
    • ⤷ What are the specific power rating differences between the 0805 and 1206 sizes in this series?
    • ⤷ How does the 'ZA' surge resistance compare to standard thick-film resistors?
    • ⤷ Is the FCR-ZA-R series AEC-Q200 qualified for automotive safety applications?