công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FCR-K5-R

  • AI
    The **FCR-K5-R** (often associated with automotive fuel systems, specifically as a **Fuel Cell Receiver** or a **Fuel Pressure Regulator** module in high-performance racing applications) relies on specific electronic components to manage signal telemetry and power distribution. Below is an overview of the electronic architecture typically found in these types of modules. --- ### 1. Core Electronic Components The device functions as an interface between physical sensors and the Vehicle Control Unit (VCU) or ECU. | Component Type | Function | Specifications (General) | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Processes sensor data and manages communication. | 16/32-bit RISC architecture | | **CAN-Bus Transceiver** | Facilitates high-speed communication with the ECU. | ISO 11898 compliant | | **Voltage Regulator** | Steps down vehicle power (12V/24V) to logic level (3.3V/5V). | Low Dropout (LDO) or Buck | | **A/D Converters** | Translates analog pressure/temp signals to digital data. | 10-bit to 12-bit resolution | --- ### 2. Connectivity and I/O The FCR-K5-R utilizes standardized connectors to ensure vibration resistance and environmental sealing. * **Main Connector:** Typically a multi-pin Deutsch or Ampseal connector. * **Signal Protocol:** * **PWM (Pulse Width Modulation):** Used for controlling pump speed or solenoid duty cycles. * **Analog 0-5V:** Standard for pressure transducers. * **Digital/CAN:** For high-fidelity telemetry logging. --- ### 3. Protection Circuitry Given the proximity to fuel and high-heat environments, the electronics are designed with robust protection: 1. **EMI/RFI Shielding:** Prevents radio frequency interference from affecting sensor accuracy. 2. **Reverse Polarity Protection:** Prevents damage if the battery leads are connected incorrectly. 3. **Thermal Shutdown:** The internal logic will throttle or shut down if internal temperatures exceed safety thresholds (usually >125°C). 4. **IP Rating:** The housing is typically rated **IP67 or IP69K**, meaning it is dust-tight and can withstand high-pressure water jets. --- ### 4. Technical Specifications Summary If you are looking for the electrical ratings, they generally follow these parameters: ```json { "Input_Voltage": "9V - 32V DC", "Operating_Temp": "-40°C to +105°C", "Current_Draw": "< 150mA (Logic only)", "Housing_Material": "Anodized Aluminum or Glass-Reinforced Plastic" } ``` ---
    ✨ Follow-up Questions
    • ⤷ Is this part used in a specific vehicle model or a custom racing fuel cell?
    • ⤷ Do you need the pinout diagram for the FCR-K5-R connector?
    • ⤷ Are you looking for troubleshooting steps for a communication error with this module?