công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FCR-GWA-R

  • AI
    The **FCR-GWA-R** is an advanced electronic controller specifically designed for the **FCR (Fan Coil Remote)** series, typically used in HVAC (Heating, Ventilation, and Air Conditioning) systems to manage fan coil units. --- ## 1. Core Electronic Components The FCR-GWA-R integrates several key electronic subsystems to facilitate climate control: | Component Type | Function | Details | | :--- | :--- | :--- | | **Microprocessor** | Control Logic | The "brain" that processes sensor data and executes PID control algorithms. | | **RS-485 Interface** | Communication | Supports **Modbus RTU** protocol for BMS (Building Management System) integration. | | **Triac/Relay Outputs** | Power Switching | Controls the speed of the fan motor (3-speed) and opening/closing of thermal actuators. | | **ADC (Analog-Digital Converter)** | Sensor Input | Converts analog signals from NTC temperature sensors into digital data. | | **LCD Driver** | User Interface | Powers the backlit display to show setpoints and room temperature. | --- ## 2. Technical Specifications The electronic architecture is designed for reliability in commercial environments: * **Operating Voltage:** Typically 230V AC or 24V AC (model dependent). * **Inputs:** * Internal NTC sensor (for room temperature). * External input for occupancy sensors (card holders) or window contacts. * **Outputs:** * 3 Relays for Fan Speed (Low, Med, High). * 2 Relays for Valves (Heating/Cooling). * **Communication Protocol:** Modbus RTU via RS-485 serial link. --- ## 3. Communication & Integration Logic The "GWA" suffix often denotes its capability as a **Gateway or Networked** device. ### Modbus Connectivity The device acts as a slave on a Modbus network. This allows a central PLC or SCADA system to: 1. Read current room temperature. 2. Override the setpoint remotely. 3. Monitor fan status and errors. ### Configuration Software The electronic parameters (such as P-band, I-time, and dead zones) can often be configured via the front buttons or through specialized configuration tools connected to the communication port. --- ## 4. Safety and Protection Features * **Non-volatile Memory (EEPROM):** Ensures that configuration settings and setpoints are retained even after a power failure. * **Anti-freeze Protection:** Logic that automatically opens valves if the temperature drops below a safety threshold (e.g., 8°C). * **Galvanic Isolation:** Often included on the RS-485 port to protect the internal circuitry from voltage spikes on the communication line.
    ✨ Follow-up Questions
    • ⤷How do I wire the RS-485 Modbus connection for the FCR-GWA-R?
    • ⤷ What are the specific Modbus registers for reading room temperature?
    • ⤷ Does the FCR-GWA-R support 0-10V analog outputs for EC fans?