AI

The **FCR-GA-R** and **FCR-GA-Q** are high-performance thick film chip resistors manufactured by companies like **Kamaya**. These components are widely used in automotive, industrial, and consumer electronics due to their reliability and specific tolerance ratings.
---
### 1. Technical Specifications Overview
The primary difference between the **R** and **Q** suffixes usually pertains to the **resistance tolerance** or specific performance testing standards (such as AEC-Q200 compliance for automotive use).
| Feature | FCR-GA-R | FCR-GA-Q |
| :--- | :--- | :--- |
| **Material** | Thick Film (Ruthenium Oxide) | Thick Film (Ruthenium Oxide) |
| **Tolerance** | Typically ±5% (J) | Typically ±1% (F) or High Precision |
| **Operating Temp** | -55°C to +155°C | -55°C to +155°C |
| **Termination** | Sn (Tin) over Ni (Nickel) | Sn (Tin) over Ni (Nickel) |
| **Standard** | General Industrial | Automotive Grade (AEC-Q200) |
---
### 2. Key Electronic Characteristics
#### A. Thick Film Construction
These resistors are made by screen-printing a resistive paste onto a ceramic substrate. This construction provides:
* **High Durability:** Resistance to mechanical stress.
* **Cost Efficiency:** Ideal for mass-market circuit boards (SMD).
#### B. Power Rating and Voltage
Depending on the case size (0402, 0603, 0805, 1206), these parts typically support:
* **Power:** 0.063W to 0.5W.
* **Max Working Voltage:** 50V to 200V.
#### C. Stability
The "GA" series is known for its **Sulfuration Resistance**. Standard resistors can fail in environments with high sulfur (like heavy industry or proximity to rubber gaskets) due to the formation of silver sulfide. The GA series uses specialized materials to prevent this corrosion.
---
### 3. Application Use Cases
* **FCR-GA-R (General/Industrial):** Used in power supplies, home appliances, and general-purpose signal conditioning where a 5% tolerance is acceptable.
* **FCR-GA-Q (Automotive/High-Precision):** Used in Engine Control Units (ECUs), ADAS sensors, and braking systems where AEC-Q200 certification and tighter tolerances (1%) are mandatory.
---
### 4. Part Number Breakdown
A typical part number might look like `FCR1/10 GA 102 J R`:
1. **FCR:** Film Chip Resistor.
2. **1/10:** Power rating (1/10W).
3. **GA:** Anti-sulfur series.
4. **102:** Resistance value ($10 \times 10^2 = 1000\Omega$).
5. **J:** Tolerance (J = ±5%, F = ±1%).
6. **R/Q:** Packaging or Grade indicator.
- ⤷
What is the significance of AEC-Q200 testing for the Q-series resistors?
- ⤷ How does anti-sulfur technology prevent resistor failure in industrial environments?
- ⤷ What are the common SMD package sizes available for the FCR series?