FCR-G6-R
AI

The **FCR-G6-R** is an electronic component primarily classified as a **Fiber Optic Receiver** module. It is commonly used in digital audio equipment (like TOSLINK interfaces) and industrial communication systems to convert optical light signals into electrical signals.
---
## 1. Technical Specifications
The following table outlines the primary electrical characteristics of the FCR-G6-R:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Optical Receiver (Photodetector + Pre-amp) |
| **Data Rate** | Typically up to 16 Mbps (standard for digital audio) |
| **Operating Voltage** | 2.7V to 5.5V DC |
| **Output Type** | TTL / CMOS Compatible (Digital Logic) |
| **Connector Type** | Square Type (JIS F05 compatible) |
| **Wavelength** | Peak sensitivity at ~650 nm (Red Light) |
---
## 2. Internal Electronic Architecture
The FCR-G6-R is an integrated unit consisting of several internal stages:
1. **Photodiode:** Captures the incoming light pulses from the fiber optic cable.
2. **Transimpedance Amplifier (TIA):** Converts the small current generated by the photodiode into a usable voltage.
3. **Waveform Shaper:** Cleans up the signal to ensure sharp transitions between "High" (1) and "Low" (0) logic levels.
4. **Output Buffer:** Drives the electrical signal to the main PCB’s microcontrollers or DSPs.
---
## 3. Pin Configuration
The device typically uses a 3-pin layout for easy integration into electronic circuits:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Vout** | Digital Data Output (Electrical signal) |
| 2 | **GND** | Ground (0V) |
| 3 | **Vcc** | Power Supply Input (usually +5V or +3.3V) |
---
## 4. Key Applications
* **Digital Audio:** Standard interface for SPDIF/TOSLINK ports on TVs, AV Receivers, and Soundcards.
* **Galvanic Isolation:** Used to connect two electronic systems while preventing electrical noise or ground loops.
* **Industrial Control:** High-speed data transmission in environments with high Electromagnetic Interference (EMI).
---
- ⤷
What are the main differences between the FCR-G6-R receiver and its corresponding transmitter?
- ⤷ Can the FCR-G6-R operate effectively at 3.3V versus 5V?
- ⤷ What is the maximum fiber optic cable length supported by this receiver?