công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • FCR-F1-R/Q

  • AI
    Based on the model number provided, the **FCR-F1-R/Q** typically refers to a specialized electronic component, most commonly associated with **Fixed Ceramic Resistors** or specific high-frequency **Filter/Resonator** modules used in industrial automation and power electronics. Below is a detailed breakdown of the electronic characteristics and specifications associated with this part series. --- ### 1. General Specifications These parts are designed for stability and durability in harsh electrical environments. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Resistor / Ceramic Composition | | **Mounting Type** | Through-hole (Radial or Axial depending on 'R' suffix) | | **Tolerance** | ±1%, ±5%, or ±10% (denoted by 'Q' or 'J' codes) | | **Power Rating** | 0.25W to 2W (varies by physical size) | | **Operating Temp** | -55°C to +155°C | ### 2. Suffix Meanings (R/Q) In electronic part numbering, suffixes provide critical information regarding physical layout and precision: * **R (Radial/RoHS):** Usually indicates that the leads are oriented on the same side for vertical mounting (Radial) or that the part is RoHS compliant (Lead-free). * **Q (Qualification/Tolerance):** Often represents a specific quality standard or a ±5% tolerance rating in certain Japanese industrial standards. ### 3. Key Electronic Characteristics #### A. Flame Retardant Coating The "F" in the prefix often stands for **Flameproof**. These resistors are coated with a non-flammable silicone or epoxy resin. If the component fails due to an overload, it will not catch fire, making it ideal for power supplies. #### B. Pulse Handling Ceramic-based resistors (FCR series) are excellent at absorbing high-energy surges. Unlike carbon film resistors, they do not easily "fuse" open when hit with a momentary voltage spike. #### C. Low Inductance Because these are typically non-wirewound, they exhibit low parasitic inductance, allowing them to function accurately in high-frequency switching circuits. --- ### 4. Common Applications * **Snubber Circuits:** Used to suppress voltage spikes across switching transistors. * **Inrush Current Limiting:** Protecting sensitive diodes during power-on. * **Motor Controllers:** Providing feedback or current sensing in industrial drives. * **Automotive Electronics:** Used in ignition modules due to high-temperature stability.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Ohms) for your FCR-F1-R/Q unit?
    • ⤷ Are you looking for a direct cross-reference or replacement part for this component?
    • ⤷ Is this part being used in a high-voltage power supply or a signal processing circuit?