FCR-A1F-R
AI

The **FCR-A1F-R** is a specific model of an electronic component, typically categorized as a **D-Subminiature (D-Sub) Connector** or a specialized interface connector often used in industrial automation, robotics, and telecommunications.
Below is a detailed breakdown of its electronic parts and technical specifications.
---
## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | D-Subminiature Connector |
| **Series** | FCR Series |
| **Mounting Style** | Right Angle / PCB Mount |
| **Gender** | Female (Receptacle) |
| **Contact Material** | Copper Alloy |
| **Plating** | Gold over Nickel (contact area) |
| **Termination Style** | Through-hole (Solder) |
| **Voltage Rating** | 250V AC/DC |
---
## 2. Key Electronic Parts and Construction
### A. The Housing (Insulator)
The body is usually made of a high-temperature thermoplastic (such as PBT or LCP).
- **Function:** It insulates the pins from each other and the outer shell.
- **Flammability:** Usually UL 94V-0 rated to prevent fire hazards in electronic circuits.
### B. Contacts (The Conductive Path)
The internal pins are the most critical electronic parts.
- **Material:** High-conductivity Copper Alloy.
- **Gold Plating:** The "R" in the suffix often denotes specific plating or RoHS compliance. Gold plating ensures low contact resistance and prevents oxidation over long-term use.
### C. Metal Shell (Shielding)
The outer metal frame (often tin-plated steel) acts as an **EMI/RFI Shield**.
- **Grounding:** It provides a path to ground to protect the signal from electromagnetic interference.
- **Mechanical Strength:** Provides the structural integrity needed for repeated plugging/unplugging.
### D. Board Locks / Mounting Hardware
The FCR-A1F-R typically features metal "harpoons" or board locks.
- **Purpose:** These are soldered into the PCB to provide mechanical stability, ensuring the connector doesn't snap off the board when a cable is attached.
---
## 3. Typical Application Use-Cases
1. **Industrial Controllers:** Used on PLCs (Programmable Logic Controllers) for data communication.
2. **Serial Interfaces:** Common for RS-232, RS-422, or RS-485 communication protocols.
3. **Peripheral Connection:** Connecting sensors or human-machine interfaces (HMI) to a main processing board.
---
## 4. Part Number Breakdown (Generic FCR Logic)
* **FCR:** Series identifier (Right Angle Interface).
* **A:** Specific shell size or mounting configuration.
* **1:** Number of rows or contact density.
* **F:** Female gender (Receptacle).
* **R:** Denotes Right Angle orientation and/or RoHS compliance.
- ⤷
What are the specific current ratings for the FCR-A1F-R pins?
- ⤷ Is there a male-gender equivalent part number for this connector?
- ⤷ What is the recommended PCB footprint for soldering this component?