FCR-5WG-R
AI

The **FCR-5WG-R** is an electronic component primarily classified as a **Feedthrough Capacitor**. These components are specifically designed to filter high-frequency noise and electromagnetic interference (EMI) from power or signal lines while allowing lower-frequency currents to pass through.
---
### 1. Key Technical Specifications
The following table summarizes the typical electronic characteristics for the FCR series (note that specific tolerances may vary by manufacturer, often Murata or Tusonix):
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Feedthrough Capacitor / EMI Filter |
| **Capacitance** | Commonly 5,000pF to 10,000pF (Range dependent) |
| **Rated Voltage** | 50V to 500V DC (application specific) |
| **Current Rating** | 5A to 20A |
| **Circuit Configuration** | C-Type Filter |
| **Mounting Style** | Bolt-in / Threaded Case |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Functional Electronic Parts
The FCR-5WG-R consists of several integrated sub-parts that enable its filtering capabilities:
1. **Ceramic Dielectric Tube:** The core of the device is a ceramic tube that acts as the capacitor's dielectric.
2. **Conductive Electrodes:** Silver or copper plating on the inner and outer surfaces of the ceramic tube forms the "plates" of the capacitor.
3. **Feedthrough Lead:** A solid metal pin (the "hot" line) that passes through the center of the tube.
4. **Metal Housing (Case):** A threaded brass or steel outer shell that serves as the ground terminal. When screwed into a metal chassis, it provides a low-impedance path to ground.
5. **Resin Seal:** An epoxy or glass seal at the ends to protect the internal ceramic from moisture and mechanical stress.
---
### 3. Electronic Schematic Representation
In a circuit diagram, the FCR-5WG-R acts as a **shunt capacitor to ground**. Because it is a feedthrough type, it has virtually no lead inductance compared to a standard capacitor.
```text
Input (Signal/Power) ----[ Feedthrough Pin ]---- Output
|
[ Capacitance ]
|
Ground (Threaded Case)
```
### 4. Application Use Cases
* **EMI/RFI Suppression:** Prevents radio frequency interference from entering or exiting sensitive equipment enclosures.
* **DC Power Lines:** Used in power supplies to "clean" the DC voltage before it reaches sensitive ICs.
* **Shielded Enclosures:** Installed on the walls of Faraday cages or metal boxes to maintain shielding integrity while allowing power to enter.
---
- ⤷
What is the difference between a C-type and a Pi-type feedthrough filter?
- ⤷ How do I determine the correct torque for mounting the FCR-5WG-R threaded case?
- ⤷ What are the common failure modes for ceramic feedthrough capacitors?